công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPI-8001TW-TL bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện SPI-8001TW-TL
Giải thích chi tiết về linh kiện  Dual 1.5 A, DC/DC Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPI-8001TW-TL bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  SPI-8001TW-TL Datasheet HTML 1Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 2Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 3Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 4Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 5Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 6Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 7Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 8Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Designed to meet high-current requirements at high efficiency in
industrial and consumer applications; embedded core, memory, or logic
supplies; TVs, VCRs, and office equipment, the SPI-8001TW dc/dc
step-down (buck) converter offers a constant 250 kHz switching fre-
quency essential for small external components. The n-channel high-
current FET is included on the die along with the oscillator, control, and
logic circuitry.
A wide input voltage range and integrated thermal and overcurrent
protection enhance overall system reliability. Reference accuracy and
excellent temperature characteristics are provided. A chip-enable input
gives the designer complete control over power up, standby, or power
down. A similar device, with increased input and output voltage ratings,
is the SPI-8002TW.
This device is supplied in a 16-lead surface-mount plastic SOIC
with exposed pad to provide a low-resistance path for maximum power
dissipation, low junction temperature, and improved reliability.
FEATURES
To 20 V Input Range
Adjustable 1 V to 16 V Output Range
1% Output Voltage Tolerance
To 1.5 A Output Current
Foldback Current Limiting
Constant 250 kHz Switching Frequency
1.0 μA Maximum Standby Current
1.0 V Feedback Reference Voltage
Soft Start Avoids Supply Voltage Dip
Remote Voltage Sensing
Exposed Pad for Superior Heat Dissipation
Thermal Protection
APPLICATIONS
TVs, VCRs, Electronic Games
Embedded Core, Memory, or Logic Supplies
Printers and Other Office Equipment
Industrial Machinery
Dual 1.5 A, DC/DC Step-Down Converter
Always order by complete part number, e.g., SPI-8001TW-TL ,
where “-TL” indicates tape and reel.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I, VCC, VCE . . . . .
21 V
Output Current, I
O . . . . . . . . . . .
1.5 A*
Junction Temperature, T
J . . . .
+135°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40°C to +135°C
* Output current rating is limited by input
voltage, duty cycle, and ambient tempera-
ture. Under any set of conditions, do not
exceed a junction temperature of +135°C.
SPI-8001TW
Sanken Power Devices
from Allegro MicroSystems
Switching
Regulators


Số phần tương tự - SPI-8001TW-TL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SPI-8001TW SANKEN-SPI-8001TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8001TW SANKEN-SPI-8001TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8001TW SANKEN-SPI-8001TW_11 Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
More results

Mô tả tương tự - SPI-8001TW-TL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com