công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-8050JD bảng dữ liệu(PDF) 10 Page - Allegro MicroSystems

tên linh kiện SI-8050JD
Giải thích chi tiết về linh kiện  Step-Down to 5.0 V, 1.5 A, DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8050JD bảng dữ liệu(HTML) 10 Page - Allegro MicroSystems

Back Button SI-8050JD Datasheet HTML 2Page - Allegro MicroSystems SI-8050JD Datasheet HTML 3Page - Allegro MicroSystems SI-8050JD Datasheet HTML 4Page - Allegro MicroSystems SI-8050JD Datasheet HTML 5Page - Allegro MicroSystems SI-8050JD Datasheet HTML 6Page - Allegro MicroSystems SI-8050JD Datasheet HTML 7Page - Allegro MicroSystems SI-8050JD Datasheet HTML 8Page - Allegro MicroSystems SI-8050JD Datasheet HTML 9Page - Allegro MicroSystems SI-8050JD Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SI-8050JD
Step-Down
to 5.0 V, 1.5 A,
DC/DC Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
10
The products described herein are manufactured in Japan by Sanken
Electric Co., Ltd. for sale by Allegro MicroSystems, Inc.
Sanken and Allegro reserve the right to make, from time to time, such
departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of its
products. Therefore, the user is cautioned to verify that the information
in this publication is current before placing any order.
When using the products described herein, the applicability and
suitability of such products for the intended purpose shall be reviewed at
the users responsibility.
Although Sanken undertakes to enhance the quality and reliability of
its products, the occurrence of failure and defect of semiconductor
products at a certain rate is inevitable.
Users of Sanken products are requested to take, at their own risk,
preventative measures including safety design of the equipment or
systems against any possible injury, death, fires or damages to society
due to device failure or malfunction.
Sanken products listed in this publication are designed and intended
for use as components in general-purpose electronic equipment or
apparatus (home appliances, office equipment, telecommunication
equipment, measuring equipment, etc.). Their use in any application
requiring radiation hardness assurance (e.g., aerospace equipment) is
not supported.
When considering the use of Sanken products in applications where
higher reliability is required (transportation equipment and its control
systems or equipment, fire- or burglar-alarm systems, various safety
devices, etc.), contact a company sales representative to discuss and
obtain written confirmation of your specifications.
The use of Sanken products without the written consent of Sanken in
applications where extremely high reliability is required (aerospace
equipment, nuclear power-control stations, life-support systems, etc.) is
strictly prohibited.
The information included herein is believed to be accurate and
reliable. Application and operation examples described in this publica-
tion are given for reference only and Sanken and Allegro assume no
responsibility for any infringement of industrial property rights,
intellectual property rights, or any other rights of Sanken or Allegro or
any third party that may result from its use.


Số phần tương tự - SI-8050JD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-8050JD SANKEN-SI-8050JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8050JD SANKEN-SI-8050JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results

Mô tả tương tự - SI-8050JD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com