công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3033ZF bảng dữ liệu(PDF) 8 Page - Allegro MicroSystems

tên linh kiện SI-3033ZF
Giải thích chi tiết về linh kiện  High-Current, Low-Dropout, 3.3 V Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZF bảng dữ liệu(HTML) 8 Page - Allegro MicroSystems

  SI-3033ZF Datasheet HTML 1Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 2Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 3Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 4Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 5Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 6Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 7Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SI-3033ZF
High-Current,
Low-Dropout,
3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
8
The products described herein are manufactured in Japan by Sanken
Electric Co., Ltd. for sale by Allegro MicroSystems, Inc.
Sanken and Allegro reserve the right to make, from time to time, such
departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of its
products. Therefore, the user is cautioned to verify that the information
in this publication is current before placing any order.
When using the products described herein, the applicability and
suitability of such products for the intended purpose shall be reviewed at
the users responsibility.
Although Sanken undertakes to enhance the quality and reliability of
its products, the occurrence of failure and defect of semiconductor
products at a certain rate is inevitable.
Users of Sanken products are requested to take, at their own risk,
preventative measures including safety design of the equipment or
systems against any possible injury, death, fires or damages to society
due to device failure or malfunction.
Sanken products listed in this publication are designed and intended
for use as components in general-purpose electronic equipment or
apparatus (home appliances, office equipment, telecommunication
equipment, measuring equipment, etc.). Their use in any application
requiring radiation hardness assurance (e.g., aerospace equipment) is
not supported.
When considering the use of Sanken products in applications where
higher reliability is required (transportation equipment and its control
systems or equipment, fire- or burglar-alarm systems, various safety
devices, etc.), contact a company sales representative to discuss and
obtain written confirmation of your specifications.
The use of Sanken products without the written consent of Sanken in
applications where extremely high reliability is required (aerospace
equipment, nuclear power-control stations, life-support systems, etc.) is
strictly prohibited.
The information included herein is believed to be accurate and
reliable. Application and operation examples described in this publica-
tion are given for reference only and Sanken and Allegro assume no
responsibility for any infringement of industrial property rights,
intellectual property rights, or any other rights of Sanken or Allegro or
any third party that may result from its use.


Số phần tương tự - SI-3033ZF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
60Kb / 2P
   Surface-Mount, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3033ZD SANKEN-SI-3033ZD Datasheet
60Kb / 2P
   Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3033ZD SANKEN-SI-3033ZD Datasheet
62Kb / 2P
   Surface-Mount, Low Dropout Voltage
logo
Allegro MicroSystems
SI-3033ZD-TL ALLEGRO-SI-3033ZD-TL Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
More results

Mô tả tương tự - SI-3033ZF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
   3.3 V 300MA LOW DROPOUT REGULATOR
logo
NXP Semiconductors
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
logo
Allegro MicroSystems
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com