công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3033ZD-TL bảng dữ liệu(PDF) 5 Page - Allegro MicroSystems

tên linh kiện SI-3033ZD-TL
Giải thích chi tiết về linh kiện  High-Current, Low-Dropout, 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZD-TL bảng dữ liệu(HTML) 5 Page - Allegro MicroSystems

  SI-3033ZD-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3033ZD-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SI-3033ZD
High-Current,
Low-Dropout,
3.3 V Regulator
www.allegromicro.com
Linear
Regulators
5
APPLICATIONS INFORMATION
Input Capacitor (C
I, 0.1 µF to 10 µF). This is necessary
either when the input line includes inductance or when the
wiring is long.
Output Capacitor (C
O, > 47 µF). This device is not
designed for a use with a very low ESR output capacitor
such as a ceramic capacitor. Output oscillation may occur
with that kind of capacitor.
Determination of DC Input Voltage. The minimum
input voltage V
I(min) should be higher than the sum of the
fixed output voltage and the maximum rated dropout
voltage.
Increased Output Voltage. The output voltage (V
O)
may be increased by inserting a resistor (R
EXT) between
SENSE and OUTPUT. The current flowing into SENSE is
typically 90 µA ±30%. To minimize the effect of I
SENSE
and temperature on R
EXT, it is recommended that a 9.1 kΩ
resistor be added between SENSE and GND to increase the
current in R
EXT. The value of REXT is then
R
EXT = (VO – 3.3) × 10
6
/453
Overcurrent Protection. The SI-3000ZD series has a
built-in fold-back type overcurrent protection circuit, which
limits the output current at a start-up mode. It thus cannot
be used in applications that require current at the start-up
mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to
common load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a
resistor between the device ground and system ground.
Thermal Protection. Circuitry turns off the pass
transistor when the junction temperature rises above 135°C.
It is intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation.
The inner frame on which the integrated circuit is mounted
is connected to the GND terminal (pin 3). Therefore, it is
very effective for heat radiation to enlarge the copper area
that is connected to the GND terminal. The graph illus-
trates the effect of the copper area on the junction-to-
ambient thermal resistance (RθJA).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PD × R
θJA) + TA
or
T
J = (PD × R
θJT) + TT
where P
D = IO × (VI – VO) and
RθJT = 3°C/W.
Parallel Operation. Parallel operation to increase load
current is not permitted.


Số phần tương tự - SI-3033ZD-TL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
60Kb / 2P
   Surface-Mount, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3033ZD SANKEN-SI-3033ZD Datasheet
60Kb / 2P
   Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3033ZD SANKEN-SI-3033ZD Datasheet
62Kb / 2P
   Surface-Mount, Low Dropout Voltage
More results

Mô tả tương tự - SI-3033ZD-TL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
   3.3 V 300MA LOW DROPOUT REGULATOR
logo
NXP Semiconductors
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
logo
Allegro MicroSystems
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com