công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC44608 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC44608
Giải thích chi tiết về linh kiện  Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44608 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC44608 Datasheet HTML 1Page - ON Semiconductor MC44608 Datasheet HTML 2Page - ON Semiconductor MC44608 Datasheet HTML 3Page - ON Semiconductor MC44608 Datasheet HTML 4Page - ON Semiconductor MC44608 Datasheet HTML 5Page - ON Semiconductor MC44608 Datasheet HTML 6Page - ON Semiconductor MC44608 Datasheet HTML 7Page - ON Semiconductor MC44608 Datasheet HTML 8Page - ON Semiconductor MC44608 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC44608
http://onsemi.com
5
PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
Demag
The Demag pin offers 3 different functions: Zero voltage crossing detection (50mV), 24
µA current detection
and 120
µA current detection. The 24µA level is used to detect the secondary reconfiguration status and the
120
µA level to detect an Over Voltage status called Quick OVP.
2
Isense
The Current Sense pin senses the voltage developed on the series resistor inserted in the source of the
power MOSFET. When Isense reaches 1V, the Driver output (pin 5) is disabled. This is known as the Over
Current Protection function. A 200
µA current source is flowing out of the pin 3 during the start–up phase and
during the switching phase in case of the Pulsed Mode of operation. A resistor can be inserted between the
sense resistor and the pin 3, thus a programmable peak current detection can be performed during the SMPS
stand–by mode.
3
Control Input
A feedback current from the secondary side of the SMPS via the opto–coupler is injected into this pin. A
resistor can be connected between this pin and GND to allow the programming of the Burst duty cycle during
the Stand–by mode.
4
Ground
This pin is the ground of the primary side of the SMPS.
5
Driver
The current and slew rate capability of this pin are suited to drive Power MOSFETs.
6
VCC
This pin is the positive supply of the IC. The driver output gets disabled when the voltage becomes higher
than 15V and the operating range is between 6.6V and 13V. An intermediate voltage level of 10V creates a
disabling condition called Latched Off phase.
7
This pin is to provide isolation between the Vi pin 8 and the VCC pin 6.
8
Vi
This pin can be directly connected to a 500V voltage source for start–up function of the IC. During the
Start–up phase a 9 mA current source is internally delivered to the VCC pin 6 allowing a rapid charge of the
VCC capacitor. As soon as the IC starts–up, this current source is disabled.
OPERATING DESCRIPTION
Regulation
Figure 1. Regulator
S3
10
&
3
Regulation
20
W
S2
10
Control
Input
VCC
V LP–stby
5 V
4 kHz
Filter
Output
Vdd
PWM
Comparator
Switching Phase
Stand–by
Latched off Phase
1.6 V
The pin 3 senses the feedback current provided by the opto
coupler. During the switching phase the switch S2 is closed
and the shunt regulator is accessible by the pin 3. The shunt
regulator voltage is typically 5V. The dynamic resistance of
the shunt regulator represented by the zener diode is 20
W.
The gain of the Control input is given on Figure 10 which
shows the duty cycle as a function of the current injected into
the pin 3.
A 4kHz filter network is inserted between the shunt
regulator and the PWM comparator to cancel the high
frequency residual noise.
The switch S3 is closed in Stand–by mode during the
Latched Off Phase while the switch S2 remains open. (See
section PULSED MODE DUTY CYCLE CONTROL).
The resistor Rdpulsed (Rduty cycle burst) has no effect on
the regulation process. This resistor is used to determine the
burst duty cycle described in the chapter “Pulsed Duty Cycle
Control” on page 8.
PWM Latch
The MC44608 works in voltage mode. The on–time is
controlled by the PWM comparator that compares the
oscillator sawtooth with the regulation block output (refer to
the block diagram on page 2).
The PWM latch is initialized by the oscillator and is reset
by the PWM comparator or by the current sense comparator
in case of an over current. This configuration ensures that
only a single pulse appears at the circuit output during an
oscillator cycle.
Current Sense
The inductor current is converted to a positive voltage by
inserting a ground reference sense resistor RSense in series
with the power switch.
The maximum current sense threshold is fixed at 1V. The
peak current is given by the following equation:
Ipkmax +
1
Rsense(W)
(A)


Số phần tương tự - MC44608

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC44608 ONSEMI-MC44608 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
MC44608P40 ONSEMI-MC44608P40 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
MC44608P40G ONSEMI-MC44608P40G Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
MC44608P75 ONSEMI-MC44608P75 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
MC44608P75G ONSEMI-MC44608P75G Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
More results

Mô tả tương tự - MC44608

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC44608 ONSEMI-MC44608_06 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
   Very few external components
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
   Very few external components
logo
IK Semicon Co., Ltd
IL44608 IKSEMICON-IL44608 Datasheet
342Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N_16 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
   Few external components
July 2009 Rev 1
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
ON Semiconductor
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com