công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QG8CPBE bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QG8CPBE
Giải thích chi tiết về linh kiện  8-BIT HCS08 Central Processor Unit
Download  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG8CPBE bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QG8CPBE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 300 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
20-MHz HCS08 CPU (central processor unit)
HC08 instruction set with added BGND instruction
Background debugging system
Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
Debug module containing two comparators and nine
trigger modes. Eight deep FIFO for storing
change-of-flow addresses and event-only data
Debug module supports both tag and force
breakpoints
Support for up to 32 interrupt/reset sources
Memory Options
FLASH read/program/erase over full operating
voltage and temperature
MC9S08QG8 — 8 Kbytes FLASH, 512 bytes RAM
MC9S08QG4 — 4 Kbytes FLASH, 256 bytes RAM
Power-Saving Modes
Wait plus three stops
Clock Source Options
ICS — Internal clock source module containing a
frequency-locked-loop (FLL) controlled by internal
or external reference; precision trimming of internal
reference allows 0.2% resolution and 2% deviation
over temperature and voltage; supports bus
frequencies from 1 MHz to 10 MHz
XOSC — Low-power oscillator module with
software selectable crystal or ceramic resonator
range, 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz,
and supports external clock source input up to
20 MHz
System Protection
Watchdog computer operating properly (COP) reset
with option to run from dedicated 1-kHz internal
clock source or bus clock
Low-voltage detection with reset or interrupt
Illegal opcode detection with reset
Illegal address detection with reset
FLASH block protect
Peripherals
ADC — 8-channel, 10-bit analog-to-digital
converter with automatic compare function,
asynchronous clock source, temperature sensor, and
internal bandgap reference channel; ADC is
hardware triggerable using the RTI counter
ACMP — Analog comparator module with option
to compare to internal reference; output can be
optionally routed to TPM module
SCI — Serial communications interface module
with option for 13-bit break capabilities
SPI — Serial peripheral interface module
IIC — Inter-integrated circuit bus module
TPM— 2-channel timer/pulse-width modulator;
each channel can be used for input capture, output
compare, buffered edge-aligned PWM, or buffered
center-aligned PWM
MTIM — 8-bit modulo timer module with 8-bit
prescaler
KBI — 8-pin keyboard interrupt module with
software selectable polarity on edge or edge/level
modes
Input/Output
12 general-purpose input/output (I/O) pins, one
input-only pin and one output-only pin; outputs
10 mA each, 60 mA max for package
Software selectable pullups on ports when used as
input
Software selectable slew rate control and drive
strength on ports when used as output
Internal pullup on RESET and IRQ pin to reduce
customer system cost
Development Support
Single-wire background debug interface
On-chip, in-circuit emulation (ICE) with real-time
bus capture
Package Options
16-pin plastic dual in-line package (PDIP) —
MC9S08QG8 only
16-pin quad flat no lead (QFN) package
16-pin thin shrink small outline package (TSSOP)
8-pin dual flat no lead (DFN) package
8-pin PDIP — MC9S08QG4 only
8-pin narrow body small outline integrated circuit
(SOIC) package
MC9S08QG8/4 Features


Số phần tương tự - MC9S08QG8CPBE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QG8CPBE FREESCALE-MC9S08QG8CPBE Datasheet
5Mb / 314P
   HCS08 Microcontrollers
More results

Mô tả tương tự - MC9S08QG8CPBE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com