công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34271FB bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC34271FB
Giải thích chi tiết về linh kiện  Liquid Crystal Display and Backlight Integrated Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34271FB bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC34271FB Datasheet HTML 1Page - ON Semiconductor MC34271FB Datasheet HTML 2Page - ON Semiconductor MC34271FB Datasheet HTML 3Page - ON Semiconductor MC34271FB Datasheet HTML 4Page - ON Semiconductor MC34271FB Datasheet HTML 5Page - ON Semiconductor MC34271FB Datasheet HTML 6Page - ON Semiconductor MC34271FB Datasheet HTML 7Page - ON Semiconductor MC34271FB Datasheet HTML 8Page - ON Semiconductor MC34271FB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 0
1
Publication Order Number:
MC34271/D
MC34271
Liquid Crystal Display and
Backlight Integrated
Controller
The MC34271 is a low power dual switching voltage regulator,
specifically designed for handheld and laptop applications, to provide
several regulated output voltages using a minimum of external parts.
Two uncommitted switching regulators feature a very low standby
bias current of 5.0
µA, and an operating current of 7.0 mA capable of
supplying output currents in excess of 200 mA.
Both devices have three additional features. The first is an ELD
Output that can be used to drive a backlight or a liquid crystal display.
The ELD output frequency is the clock divided by 256. The second
feature allows four additional output bias voltages, in specific
proportions to VB, one of the switching regulated output voltages. It
allows use of mixed logic circuitry and provides a voltage bias for
N–Channel load control MOSFETs
t. The third feature is an Enable
input that allows a logic level signal to turn–“off” or turn–“on” both
switching regulators.
Due to the low bias current specifications, this device is ideally
suited for battery powered computer, consumer, and industrial
equipment where an extension of useful battery life is desirable.
MC34271 Features:
Low Standby Bias Current of 5.0 µA
Uncommitted Switching Regulators Allow Both Positive and
Negative Supply Voltages
Logic Enable Allows Microprocessor Control of All Outputs
Synchronizable to External Clock
Mode Commandable for ELD and LCD Interface
Frequency Synchronizable
Auxiliary Output Bias Voltages Enable Load Control via N–Channel
FETs
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VDD
16
Vdc
Power Dissipation and
Thermal Characteristics
Maximum Power Dissipation – Case 873
PD
1.43
W
Thermal Resistance, Junction–to–Ambient
R
θJA
100
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
60
°C/W
Output #1 and #2 Switch Current
ISL & ISB
500
mA
Output #1 and #2 “Off”–State Voltage
VSL
60
Vdc
Feedback Enable MOSFETs
“Off”–State Voltage
VLF
20
Vdc
Operating Junction Temperature
TJ
125
°C
Operating Ambient Temperature
TA
0 to +70
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
Device
Package
Shipping
ORDERING INFORMATION
MC34271FB
QFP–32
250 Units / Tray
QFP–32
FB SUFFIX
CASE 873
http://onsemi.com
PIN CONNECTIONS AND
MARKING DIAGRAM
(Top View)
1
32
32
DS1
Ref1
FB1
Comp1
SS1
S1
D1
Drv1
DS2
Ref2
FB2
Comp2
SS2
S2
D2
VB
31
30
29
27
28
26
25
124
23
22
21
20
19
18
17
2
3
4
5
6
7
8
910
11
12
14
13
15
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week


Số phần tương tự - MC34271FB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34271FB MOTOROLA-MC34271FB Datasheet
367Kb / 12P
   LIQUID CRYSTAL DISPLAY AND BACKLIGHT INTEGRATED CONTROLLER
More results

Mô tả tương tự - MC34271FB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34270 MOTOROLA-MC34270 Datasheet
367Kb / 12P
   LIQUID CRYSTAL DISPLAY AND BACKLIGHT INTEGRATED CONTROLLER
logo
Guangdong Kexin Industr...
KTS2005 KEXIN-KTS2005 Datasheet
46Kb / 2P
   Liquid Crystal Display Backlight Drive Applications
logo
Sanyo Semicon Device
FTS2005 SANYO-FTS2005 Datasheet
40Kb / 4P
   Liquid Crystal Display Backlight Drive Applications
logo
KODENSHI_AUK CORP.
KK472 KODENSHI-KK472 Datasheet
207Kb / 4P
   Liquid Crystal Display Controller
logo
Integral Corp.
IN472-3 INTEGRAL-IN472-3 Datasheet
129Kb / 3P
   Liquid Crystal Display Controller
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
National Semiconductor ...
TLDD6932COP472 NSC-TLDD6932COP472 Datasheet
146Kb / 8P
   COP472-3 Liquid Crystal Display Controller
COP472-3 NSC-COP472-3 Datasheet
143Kb / 8P
   COP472-3 Liquid Crystal Display Controller
logo
Texas Instruments
COP472WM-3 TI-COP472WM-3 Datasheet
144Kb / 10P
[Old version datasheet]   COP472-3 Liquid Crystal Display Controller
logo
Seiko Instruments Inc
G191C SII-G191C Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY MODULE WITH BUILT-IN EL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com