công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34164P-5 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC34164P-5
Giải thích chi tiết về linh kiện  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34164P-5 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button MC34164P-5 Datasheet HTML 2Page - ON Semiconductor MC34164P-5 Datasheet HTML 3Page - ON Semiconductor MC34164P-5 Datasheet HTML 4Page - ON Semiconductor MC34164P-5 Datasheet HTML 5Page - ON Semiconductor MC34164P-5 Datasheet HTML 6Page - ON Semiconductor MC34164P-5 Datasheet HTML 7Page - ON Semiconductor MC34164P-5 Datasheet HTML 8Page - ON Semiconductor MC34164P-5 Datasheet HTML 9Page - ON Semiconductor MC34164P-5 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC34164, MC33164, NCV33164
http://onsemi.com
6
Figure 15. Low Voltage Microprocessor Reset With Additional Hysteresis
(MC3X164−5 Shown)
Power
Supply
1.2 Vref
Microprocessor
Circuit
RL
GND
Reset
Comparator hysteresis can be increased with the addition of resistor RH. The hysteresis equation has been simplified and does not account for the change of input current
Iin as Vin crosses the comparator threshold (Figure 8). An increase of the lower threshold DVth(lower) will be observed due to Iin which is typically 10 mA at 4.3 V. The
equations are accurate to
±10% with RH less than 1.0 kW and RL between 4.3 kW and 43 kW.
VH
4.3 RH
RH
MC3X164−5
Iin
Vin
Test Data
VH
(mV)
DVth
(mV)
RH
(
W)
RL
(k
W)
60
103
123
160
155
199
280
262
306
357
421
530
0
1.0
1.0
1.0
2.2
2.2
2.2
4.7
4.7
4.7
4.7
4.7
0
100
100
100
220
220
220
470
470
470
470
470
43
10
6.8
4.3
10
6.8
4.3
10
8.2
6.8
5.6
4.3
RL
+ 0.06
DVth(lower) ≈ 10 RH x 10 − 6
where: RH ≤ 1.0 kW
43 k
W ≥ RL ≥ 4.3 kW
Figure 16. Voltage Monitor
Figure 17. Solar Powered Battery Charger
Figure 18. MOSFET Low Voltage Gate Drive Protection Using the MC3X164−5
1.2 Vref
Input
270
Reset
GND
Power
Supply
1.2 Vref
Input
1.0 k
GND
1.2 Vref
Input
GND
Solar
Cells
RL
MTP3055EL
MC3X164−5
VCC
4.3V
Overheating of the logic level power MOSFET due to insufficient
gate voltage can be prevented with the above circuit. When the
input signal is below the 4.3 V threshold of the MC3X164−5, its
output grounds the gate of the L2 MOSFET.
Reset
Reset


Số phần tương tự - MC34164P-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34164P-5G ONSEMI-MC34164P-5G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
MC34164P-5RAG ONSEMI-MC34164P-5RAG Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
MC34164P-5RPG ONSEMI-MC34164P-5RPG Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
More results

Mô tả tương tự - MC34164P-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com