công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F162A bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74F162A
Giải thích chi tiết về linh kiện  Synchronous Presettable BCD Decade Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F162A bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74F162A Datasheet HTML 1Page - Fairchild Semiconductor 74F162A Datasheet HTML 2Page - Fairchild Semiconductor 74F162A Datasheet HTML 3Page - Fairchild Semiconductor 74F162A Datasheet HTML 4Page - Fairchild Semiconductor 74F162A Datasheet HTML 5Page - Fairchild Semiconductor 74F162A Datasheet HTML 6Page - Fairchild Semiconductor 74F162A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
DS009485
www.fairchildsemi.com
April 1988
Revised January 2004
74F162A
Synchronous Presettable BCD Decade Counter
General Description
The 74F162A is a high-speed synchronous decade counter
operating in the BCD (8421) sequence. They are synchro-
nously presettable for applications in programmable divid-
ers. The F162A has a Synchronous Reset input that
overrides counting and parallel loading and allows all out-
puts to be simultaneously reset on the rising edge of the
clock. The F162A is a high speed version of the F162.
Features
s Synchronous counting and loading
s High-speed synchronous expansion
s Typical count rate of 120 MHz
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
74F162A
Logic Symbols
74F162A
74F162A
Order Number
Package Number
Package Description
74F162ASC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74F162APC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Số phần tương tự - 74F162A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
74F162APC FAIRCHILD-74F162APC Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
74F162ASC FAIRCHILD-74F162ASC Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
More results

Mô tả tương tự - 74F162A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com