công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34166D2T bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC34166D2T
Giải thích chi tiết về linh kiện  POWER SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166D2T bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button MC34166D2T Datasheet HTML 4Page - ON Semiconductor MC34166D2T Datasheet HTML 5Page - ON Semiconductor MC34166D2T Datasheet HTML 6Page - ON Semiconductor MC34166D2T Datasheet HTML 7Page - ON Semiconductor MC34166D2T Datasheet HTML 8Page - ON Semiconductor MC34166D2T Datasheet HTML 9Page - ON Semiconductor MC34166D2T Datasheet HTML 10Page - ON Semiconductor MC34166D2T Datasheet HTML 11Page - ON Semiconductor MC34166D2T Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC34166, MC33166
http://onsemi.com
8
Switch Output
The output transistor is designed to switch a maximum
of 40 V, with a minimum peak collector current of 3.3 A.
When configured for step–down or voltage–inverting
applications, as in Figures 19 and 23, the inductor will
forward bias the output rectifier when the switch turns off.
Rectifiers with a high forward voltage drop or long turn–on
delay time should not be used. If the emitter is allowed to
go sufficiently negative, collector current will flow,
causing additional device heating and reduced conversion
efficiency. Figure 9 shows that by clamping the emitter to
0.5 V, the collector current will be in the range of 100
µA
over temperature. A 1N5822 or equivalent Schottky barrier
rectifier is recommended to fulfill these requirements.
Undervoltage Lockout
An
Undervoltage
Lockout
comparator
has
been
incorporated to guarantee that the integrated circuit is fully
functional before the output stage is enabled. The internal
5.05 V reference is monitored by the comparator which
enables the output stage when VCC exceeds 5.9 V. To
prevent erratic output switching as the threshold is crossed,
0.9 V of hysteresis is provided.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at 170
°C,
the latch is forced into a ‘reset’ state, disabling the output
switch. This feature is provided to prevent catastrophic
failures from accidental device overheating. It is not
intended to be used as a substitute for proper heatsinking.
The MC34166 is contained in a 5–lead TO–220 type package.
The tab of the package is common with the center pin (Pin 3)
and is normally connected to ground.
DESIGN CONSIDERATIONS
Do not attempt to construct a converter on wire–wrap
or plug–in prototype boards. Special care should be taken
to separate ground paths from signal currents and ground
paths from load currents. All high current loops should be
kept as short as possible using heavy copper runs to
minimize ringing and radiated EMI. For best operation, a
tight component layout is recommended. Capacitors CIN,
CO, and all feedback components should be placed as close
to the IC as physically possible. It is also imperative that the
Schottky diode connected to the Switch Output be located as
close to the IC as possible.


Số phần tương tự - MC34166D2T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34166D2T ONSEMI-MC34166D2T Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166D2T ONSEMI-MC34166D2T Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166D2TG ONSEMI-MC34166D2TG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166D2TG ONSEMI-MC34166D2TG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166D2TR4 ONSEMI-MC34166D2TR4 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Mô tả tương tự - MC34166D2T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com