công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34261 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC34261
Giải thích chi tiết về linh kiện  POWER FACTOR CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34261 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC34261 Datasheet HTML 1Page - Motorola, Inc MC34261 Datasheet HTML 2Page - Motorola, Inc MC34261 Datasheet HTML 3Page - Motorola, Inc MC34261 Datasheet HTML 4Page - Motorola, Inc MC34261 Datasheet HTML 5Page - Motorola, Inc MC34261 Datasheet HTML 6Page - Motorola, Inc MC34261 Datasheet HTML 7Page - Motorola, Inc MC34261 Datasheet HTML 8Page - Motorola, Inc MC34261 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC34261
MC33261
SEMICONDUCTOR
TECHNICAL DATA
POWER FACTOR
CONTROLLERS
PIN CONNECTIONS
Order this document by MC34261/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
8
1
P SUFFIX
PLASTIC PACKAGE
CASE 626
Voltage Feedback
Input 1
2
3
4
8
7
6
5
(Top View)
Compensation
Multiplier Input
Current Sense
Input
VCC
Drive Output
Gnd
Zero Current
Detect Input
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC34261D
MC34261P
TA = 0° to +70°C
SO–8
Plastic DIP
MC33261D
MC33261P
SO–8
Plastic DIP
TA = – 40° to +85°C
1
MOTOROLA ANALOG IC DEVICE DATA
Power Factor Controllers
The MC34261/MC33261 are active power factor controllers specifically
designed for use as a preconverter in electronic ballast and in off–line power
converter applications. These integrated circuits feature an internal startup
timer, a one quadrant multiplier for near unity power factor, zero current
detector to ensure critical conduction operation, high gain error amplifier,
trimmed internal bandgap reference, current sensing comparator, and a
totem pole output ideally suited for driving a power MOSFET.
Also included are protective features consisting of input undervoltage
lockout with hysteresis, cycle–by–cycle current limiting, and a latch for single
pulse metering. These devices are available in dual–in–line and surface
mount plastic packages.
Internal Startup Timer
One Quadrant Multiplier
Zero Current Detector
Trimmed 2% Internal Bandgap Reference
Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Pinout Equivalent to the SG3561
Functional Equivalent to the TDA4817
Simplified Block Diagram
Voltage
Feedback
Input
Multiplier,
Latch,
PWM,
Timer,
&
Logic
Vref
Error Amp
Multiplier
Undervoltage
Lockout
2.5V
Reference
Zero Current Detector
5
8
6
7
4
3
2
1
Drive Output
Gnd
Zero Current
Detect Input
Multiplier
Input
Compensation
VCC
Current Sense
Input
© Motorola, Inc. 1996
Rev 1


Số phần tương tự - MC34261

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34261D ONSEMI-MC34261D Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34261P ONSEMI-MC34261P Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
More results

Mô tả tương tự - MC34261

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com