công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STV82X7D bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STV82X7D
Giải thích chi tiết về linh kiện  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7D bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STV82X7D Datasheet HTML 5Page - STMicroelectronics STV82X7D Datasheet HTML 6Page - STMicroelectronics STV82X7D Datasheet HTML 7Page - STMicroelectronics STV82X7D Datasheet HTML 8Page - STMicroelectronics STV82X7D Datasheet HTML 9Page - STMicroelectronics STV82X7D Datasheet HTML 10Page - STMicroelectronics STV82X7D Datasheet HTML 11Page - STMicroelectronics STV82X7D Datasheet HTML 12Page - STMicroelectronics STV82X7D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 149 page
background image
9/149
STV82x7
General Description
Specific stand-by mode (Loop-through)
Control by I²C bus (two I²C addresses)
System PLL and Clock Generation using either a single quartz oscillator or a differential clock
input
1.1.2
Software Information
The different software combinations are listed in Table 2.
Note:
In addition to the above sound processing, it is always possible to add ST Voice and also ST
Dynamic Bass algorithms.
Note:
The SRS
® TruSurround® and ST OmniSurround are approved by Dolby as Virtual Dolby Surround
(VDS) and Virtual Dolby Digital (VDD).
The SRS
® TruSurround XT™ system is composed of:
SRS
® TruSurround®
SRS
® WOW™
The SRS
® WOW™ system also includes:
SRS
® Dialog Clarity™
SRS
® TruBass™
1.1.3
Device Input Modes
Demodulator and SCART Mode (with output fS = 32 kHz)
SCART Only Mode (with output fS = 48 kHz)
I²S Mode (with output fS = 32, 44.1 or 48 kHz)
Table 2: Input/Output Software Configurations
Input (Number of Channels)
Output (Number of Channels)
2 (+1)
4 (+1)
5 (+1)
1
ST WideSurround or
SRS
® WOW™
2 (L and R)
ST WideSurround or
SRS
® WOW™
2 (LT and RT)
ST WideSurround or
SRS
® TruSurround XT™ or
ST OmniSurround or
Dolby
® Pro Logic® +SRS®
TruSurround XT
™ or
Dolby
® Pro Logic® +ST
OmniSurround
Dolby
® Pro Logic®
4 (+1)
SRS
® TruSurround XT™ or
ST OmniSurround or
Downmix
No processing
5 (+1)
SRS
® TruSurround XT™or
ST OmniSurround or
Downmix
Downmix
No processing


Số phần tương tự - STV82X7D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STV82X7 STMICROELECTRONICS-STV82X7 Datasheet
2Mb / 156P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
More results

Mô tả tương tự - STV82X7D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV82X8 STMICROELECTRONICS-STV82X8 Datasheet
2Mb / 157P
   Digital Audio Decoder / Processor for BTSC Television/Video Recorders
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
   NICAM/A2/EIA-J Digital Stereo Decoder
logo
NXP Semiconductors
TDA3740 PHILIPS-TDA3740 Datasheet
301Kb / 7P
   VIDEO PROCESSOR AND FREQUENCY MODULATOR FOR VIDEO RECORDERS
March 1986
logo
STMicroelectronics
STV83X7 STMICROELECTRONICS-STV83X7 Datasheet
99Kb / 4P
   TV sound processor with analog broadcast demodulator for A2 and NICAM standards
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
   PAL DECODER AND VIDEO PROCESSOR
April 1996
logo
Analog Devices
ADV7186 AD-ADV7186 Datasheet
70Kb / 2P
   Video Decoder and Display Processor
Rev. SpB
logo
STMicroelectronics
TDA8204B STMICROELECTRONICS-TDA8204B Datasheet
227Kb / 12P
   NICAM DECODER
November 1994
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
   NICAM/A2/EIA-J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com