công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34152DG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC34152DG
Giải thích chi tiết về linh kiện  HIGH SPEED DUAL MOSFET DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34152DG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC34152DG Datasheet HTML 1Page - ON Semiconductor MC34152DG Datasheet HTML 2Page - ON Semiconductor MC34152DG Datasheet HTML 3Page - ON Semiconductor MC34152DG Datasheet HTML 4Page - ON Semiconductor MC34152DG Datasheet HTML 5Page - ON Semiconductor MC34152DG Datasheet HTML 6Page - ON Semiconductor MC34152DG Datasheet HTML 7Page - ON Semiconductor MC34152DG Datasheet HTML 8Page - ON Semiconductor MC34152DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 7
1
Publication Order Number:
MC34152/D
MC34152, MC33152,
NCV33152
High Speed Dual
MOSFET Drivers
The MC34152/MC33152 are dual noninverting high speed drivers
specifically designed for applications that require low current digital
signals to drive large capacitive loads with high slew rates. These
devices feature low input current making them CMOS/LSTTL logic
compatible, input hysteresis for fast output switching that is
independent of input transition time, and two high current totem pole
outputs ideally suited for driving power MOSFETs. Also included is
an undervoltage lockout with hysteresis to prevent system erratic
operation at low supply voltages.
Typical applications include switching power supplies, dc−to−dc
converters, capacitor charge pump voltage doublers/inverters, and
motor controllers.
This device is available in dual−in−line and surface mount packages.
Features
Pb−Free Packages are Available
Two Independent Channels with 1.5 A Totem Pole Outputs
Output Rise and Fall Times of 15 ns with 1000 pF Load
CMOS/LSTTL Compatible Inputs with Hysteresis
Undervoltage Lockout with Hysteresis
Low Standby Current
Efficient High Frequency Operation
Enhanced System Performance with Common Switching Regulator
Control ICs
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Figure 1. Representative Diagram
+
2
4
VCC
6
5.7V
Drive Output A
7
100k
Drive Output B
5
100k
GND
3
Logic
Input A
Logic
Input B
PDIP−8
P SUFFIX
CASE 626
MARKING
DIAGRAMS
1
8
1
8
MC3x152P
AWL
YYWW
SOIC−8
D SUFFIX
CASE 751
1
8
x
= 3 or 4
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PIN CONNECTIONS
1
8 N.C.
N.C.
(Top View)
2
7 Drive Output A
Logic Input A
36 VCC
GND
4
5 Drive Output B
Logic Input B
3x152
ALYW
1
8
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Số phần tương tự - MC34152DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34152DG ONSEMI-MC34152DG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34152DG ONSEMI-MC34152DG Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results

Mô tả tương tự - MC34152DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com