công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZX884-C75 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
BZX884-C75 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
3 / 10 page 2004 Mar 26 3 Philips Semiconductors Product specification Voltage regulator diodes BZX884 series ORDERING INFORMATION LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Note 1. Refer to SOD882 standard mounting conditions (footprint), FR4 with 60 µm copper strip line. THERMAL CHARACTERISTICS Note 1. Refer to SOD882 standard mounting conditions (footprint), FR4 with 60 µm copper strip line. TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION BZX884-B2V4 to BZX884-B75 − Leadless ultra small plastic package;2 terminals; body 1.0 x 0.6 x 0.5 mm SOD882 BZX884-C2V4 to BZX884-C75 − Leadless ultra small plastic package;2 terminals; body 1.0 x 0.6 x 0.5 mm SOD882 SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT IF continuous forward current − 200 mA IZSM non-repetitive peak reverse current tp = 100 µs; square wave; Tamb =25 °C; prior to surge see Tables 1 and 2 Ptot total power dissipation Tamb =25 °C; note 1 − 250 mW Tstg storage temperature −65 +150 °C Tj junction temperature − 150 °C SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-a) thermal resistance from junction to ambient note 1 500 K/W |
Số phần tương tự - BZX884-C75 |
|
Mô tả tương tự - BZX884-C75 |