công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34164 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC34164
Giải thích chi tiết về linh kiện  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34164 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC34164 Datasheet HTML 1Page - ON Semiconductor MC34164 Datasheet HTML 2Page - ON Semiconductor MC34164 Datasheet HTML 3Page - ON Semiconductor MC34164 Datasheet HTML 4Page - ON Semiconductor MC34164 Datasheet HTML 5Page - ON Semiconductor MC34164 Datasheet HTML 6Page - ON Semiconductor MC34164 Datasheet HTML 7Page - ON Semiconductor MC34164 Datasheet HTML 8Page - ON Semiconductor MC34164 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC34164, MC33164, NCV33164
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Input Supply Voltage
Vin
−1.0 to 12
V
Reset Output Voltage
VO
−1.0 to 12
V
Reset Output Sink Current
ISink
Internally
Limited
mA
Clamp Diode Forward Current, Reset to Input Pin (Note 1)
IF
100
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
D Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
DM Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
PD
RqJA
700
178
700
178
520
240
mW
°C/W
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
MC34164 Series
MC33164 Series, NCV33164
TA
0 to +70
− 40 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
ESD
4000
200
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
MC34164−3, MC33164−3 SERIES, NCV33164−3
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA is the operating ambient temperature
range that applies [Notes 2 & 3], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
COMPARATOR
Threshold Voltage
High State Output (Vin Increasing)
Low State Output (Vin Decreasing)
Hysteresis (ISink = 100 mA)
VIH
VIL
VH
2.55
2.55
0.03
2.71
2.65
0.06
2.80
2.80
V
RESET OUTPUT
Output Sink Saturation
(Vin = 2.4 V, ISink = 1.0 mA)
(Vin = 1.0 V, ISink = 0.25 mA)
VOL
0.14
0.1
0.4
0.3
V
Output Sink Current (Vin, Reset = 2.4 V)
ISink
6.0
12
30
mA
Output Off−State Leakage
(Vin, Reset = 3.0 V)
(Vin, Reset = 10 V)
IR(leak)
0.02
0.02
0.5
1.0
mA
Clamp Diode Forward Voltage, Reset to Input Pin (IF = 5.0 mA)
VF
0.6
0.9
1.2
V
TOTAL DEVICE
Operating Input Voltage Range
Vin
1.0 to 10
V
Quiescent Input Current
Vin = 3.0 V
Vin = 6.0 V
Iin
9.0
24
15
40
mA
1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
3. Tlow = 0°C for MC34164
Thigh = +70°C for MC34164
=− 40
°C for MC33164, NCV33164
= +125
°C for MC33164, NCV33164


Số phần tương tự - MC34164

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34164 ONSEMI-MC34164 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
MC34164 ONSEMI-MC34164 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
logo
Microsemi Corporation
MC34164-3 MICROSEMI-MC34164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC34164-3 MICROSEMI-MC34164-3 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
Freescale Semiconductor...
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
More results

Mô tả tương tự - MC34164

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com