công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34161P bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC34161P
Giải thích chi tiết về linh kiện  Universal Voltage Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34161P bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC34161P Datasheet HTML 1Page - ON Semiconductor MC34161P Datasheet HTML 2Page - ON Semiconductor MC34161P Datasheet HTML 3Page - ON Semiconductor MC34161P Datasheet HTML 4Page - ON Semiconductor MC34161P Datasheet HTML 5Page - ON Semiconductor MC34161P Datasheet HTML 6Page - ON Semiconductor MC34161P Datasheet HTML 7Page - ON Semiconductor MC34161P Datasheet HTML 8Page - ON Semiconductor MC34161P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 2
1
Publication Order Number:
MC34161/D
MC34161, MC33161
Universal Voltage Monitors
The MC34161/MC33161 are universal voltage monitors intended
for use in a wide variety of voltage sensing applications. These devices
offer the circuit designer an economical solution for positive and
negative voltage detection. The circuit consists of two comparator
channels each with hysteresis, a unique Mode Select Input for channel
programming, a pinned out 2.54 V reference, and two open collector
outputs capable of sinking in excess of 10 mA. Each comparator
channel can be configured as either inverting or noninverting by the
Mode Select Input. This allows over, under, and window detection of
positive and negative voltages. The minimum supply voltage needed
for these devices to be fully functional is 2.0 V for positive voltage
sensing and 4.0 V for negative voltage sensing.
Applications include direct monitoring of positive and negative
voltages used in appliance, automotive, consumer, and industrial
equipment.
Unique Mode Select Input Allows Channel Programming
Over, Under, and Window Voltage Detection
Positive and Negative Voltage Detection
Fully Functional at 2.0 V for Positive Voltage Sensing and 4.0 V for
Negative Voltage Sensing
Pinned Out 2.54 V Reference with Current Limit Protection
Low Standby Current
Open Collector Outputs for Enhanced Device Flexibility
Simplified Block Diagram
(Positive Voltage Window Detector Application)
VCC
6
1
7
VS
2
3
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
8
5
2.54V
Reference
+
+
+
4
Device
Package
Shipping
ORDERING INFORMATION
MC34161D
SO–8
98 Units/Rail
MC34161P
PDIP–8
MC33161D
SO–8
PDIP–8
P SUFFIX
CASE 626
1
8
http://onsemi.com
50 Units/Rail
98 Units/Rail
SO–8
D SUFFIX
CASE 751
1
8
MC33161DR2
SO–8
2500 Tape & Reel
MC34161DR2
SO–8
2500 Tape & Reel
MC33161P
PDIP–8
50 Units/Rail
MARKING
DIAGRAMS
x
= 3 or 4
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PIN CONNECTIONS
Vref
Input 1
Input 2
Gnd
VCC
Mode Select
Output 1
Output 2
1
2
3
4
8
7
6
5
(TOP VIEW)
ALYW
3x161
1
8
AWL
MC3x161P
1
8
YYWW


Số phần tương tự - MC34161P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161P ONSEMI-MC34161P Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC34161P ONSEMI-MC34161P Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161PG ONSEMI-MC34161PG Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC34161PG ONSEMI-MC34161PG Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161PG ONSEMI-MC34161PG Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Mô tả tương tự - MC34161P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com