công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34151D bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC34151D
Giải thích chi tiết về linh kiện  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34151D bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC34151D Datasheet HTML 3Page - ON Semiconductor MC34151D Datasheet HTML 4Page - ON Semiconductor MC34151D Datasheet HTML 5Page - ON Semiconductor MC34151D Datasheet HTML 6Page - ON Semiconductor MC34151D Datasheet HTML 7Page - ON Semiconductor MC34151D Datasheet HTML 8Page - ON Semiconductor MC34151D Datasheet HTML 9Page - ON Semiconductor MC34151D Datasheet HTML 10Page - ON Semiconductor MC34151D Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC34151, MC33151
http://onsemi.com
7
LAYOUT CONSIDERATIONS
High frequency printed circuit layout techniques are
imperative to prevent excessive output ringing and overshoot.
Do not attempt to construct the driver circuit on
wire–wrap or plug–in prototype boards. When driving
large capacitive loads, the printed circuit board must contain
a low inductance ground plane to minimize the voltage spikes
induced by the high ground ripple currents. All high current
loops should be kept as short as possible using heavy copper
runs to provide a low impedance high frequency path. For
optimum drive performance, it is recommended that the
initial circuit design contains dual power supply bypass
capacitors connected with short leads as close to the VCC pin
and ground as the layout will permit. Suggested capacitors are
a low inductance 0.1
µF ceramic in parallel with a 4.7 µF
tantalum. Additional bypass capacitors may be required
depending upon Drive Output loading and circuit layout.
Proper printed circuit board layout is extremely
critical and cannot be over emphasized.
The MC34151 greatly enhances the drive capabilities of common switching
regulators and CMOS/TTL logic devices.
Figure 18. Enhanced System Performance with
Common Switching Regulators
Figure 19. MOSFET Parasitic Oscillations
Figure 20. Direct Transformer Drive
Figure 21. Isolated MOSFET Drive
Series gate resistor Rg may be needed to damp high frequency parasitic
oscillations caused by the MOSFET input capacitance and any series
wiring inductance in the gate–source circuit. Rg will decrease the
MOSFET switching speed. Schottky diode D1 can reduce the driver’s
power dissipation due to excessive ringing, by preventing the output pin
from being driven below ground.
Output Schottky diodes are recommended when driving inductive loads at
high frequencies. The diodes reduce the driver’s power dissipation by
preventing the output pins from being driven above VCC and below ground.
+
VCC
47
0.1
6
5.7V
TL494
or
TL594
2
4
3
7
5
Vin
+
+
++
+
+
1N5819
D1
Rg
Vin
+
+
3
7
5
4 X
1N5819
+
+
+
+
3
1N
5819
Isolation
Boundary


Số phần tương tự - MC34151D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34151D ONSEMI-MC34151D Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DG ONSEMI-MC34151DG Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151DR2 ONSEMI-MC34151DR2 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DR2G ONSEMI-MC34151DR2G Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DR2G ONSEMI-MC34151DR2G Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results

Mô tả tương tự - MC34151D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com