công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33065P bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33065P
Giải thích chi tiết về linh kiện  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065P bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33065P Datasheet HTML 6Page - ON Semiconductor MC33065P Datasheet HTML 7Page - ON Semiconductor MC33065P Datasheet HTML 8Page - ON Semiconductor MC33065P Datasheet HTML 9Page - ON Semiconductor MC33065P Datasheet HTML 10Page - ON Semiconductor MC33065P Datasheet HTML 11Page - ON Semiconductor MC33065P Datasheet HTML 12Page - ON Semiconductor MC33065P Datasheet HTML 13Page - ON Semiconductor MC33065P Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC34065 MC33065
10
MOTOROLA ANALOG IC DEVICE DATA
Figure 17. External Clock Synchronization
Figure 18. External Duty Cycle Clamp and
Multi–Unit Synchronization
+
R
220 pF
RT
R
R
15
1
3
2
4
5
CT
External
Sync
Input
Bias
Osc
20 k
EA1
0.5 V
2R
The external diode clamp is required if the negative Sync current
is greater than –5.0 mA.
+
+
6
5
2
C
RB
MC1455
R
S
Q
3
7
4
8
RA
Vref
15
1
3
2
4
5
To additional MC34065’s
2R
R
0.5 V
Osc
Bias
R
R
5.0 k
5.0 k
5.0 k
1
EA1
Dmax Drive Output 1 =
Dmax Drive Output 2 =
20 k
f +
1.08
R
A
) R
B
C
R
B
R
A
) R
B
R
A
R
A
) R
B
+
Figure 19. Adjustable Reduction of Clamp Level
Figure 20. Soft–Start Circuit
+
+
+
Vref
15
1
3
2
4
5
R1
R2
EA1
R
R
Bias
5.0 Vref
Osc
S
R
Q
+
20 k
VCC
Vin
Q1
RS
6
7
16
VClamp
1.0 mA
2R
R
0.5 V
PWM
Latch 1
Where: 0
≤ VClamp ≤ 0.5 V
_
+
+
Bias
Osc
1.0 mA
1.0 M
C
15
1
3
2
4
EA1
R
0.5 V
20 k
R
R
Vref
tSoft–Start ≈ 2100 C in µF
5
2R
17 V
V
Clamp [
1.67
R2
R1
) 1
) 0.33 x 10–3 R1R2
R1
) R2
I
pk(max) [
V
Clamp
R
S
+
_


Số phần tương tự - MC33065P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33065P-H ONSEMI-MC33065P-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065P-H ONSEMI-MC33065P-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC33065P-L ONSEMI-MC33065P-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065P-L ONSEMI-MC33065P-L Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Mô tả tương tự - MC33065P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
   High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS3865C CHERRY-CS3865C Datasheet
171Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com