công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33464N-45CTR bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33464N-45CTR
Giải thích chi tiết về linh kiện  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33464N-45CTR bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33464N-45CTR Datasheet HTML 1Page - ON Semiconductor MC33464N-45CTR Datasheet HTML 2Page - ON Semiconductor MC33464N-45CTR Datasheet HTML 3Page - ON Semiconductor MC33464N-45CTR Datasheet HTML 4Page - ON Semiconductor MC33464N-45CTR Datasheet HTML 5Page - ON Semiconductor MC33464N-45CTR Datasheet HTML 6Page - ON Semiconductor MC33464N-45CTR Datasheet HTML 7Page - ON Semiconductor MC33464N-45CTR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC33464
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C (Note 1), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
COMPARATOR
Threshold Voltage
V
High State Output (Vin Decreasing)
VIH
09 Suffix
0.878
0.9
0.922
20 Suffix
1.95
2.0
2.05
21 Suffix
2.048
2.1
2.152
27 Suffix
2.633
2.7
2.768
30 Suffix
2.925
3.0
3.075
43 Suffix
4.193
4.3
4.407
45 Suffix
4.388
4.5
4.613
48 Suffix
4.680
4.8
4.920
Threshold Hysteresis
VH
V
09 Suffix
0.027
0.045
0.063
20 Suffix
0.060
0.100
0.140
21 Suffix
0.063
0.105
0.147
27 Suffix
0.081
0.135
0.189
30 Suffix
0.090
0.150
0.210
43 Suffix
0.129
0.215
0.301
45 Suffix
0.135
0.225
0.315
48 Suffix
0.144
0.240
0.336
Threshold Voltage Temperature Coefficient
TC
±100
PPM/
°C
RESET OUTPUT
Output Voltage
V
High State (Complementary Output: Isource = 1.0 mA)
VOH
Vin – 2.1
Vin – 1.0
Vin
Low State (Complementary or Open Drain: Isink = 1.0 mA)
VOL
0.025
0.05
Output Sink Current (Vin = 1.5 V, VOL = 0.5 V)
IOL
1.0
2.0
mA
Output Source Current (Vin = 4.5 V, VOL = 2.4 V)
IOH
1.0
2.0
mA
TOTAL DEVICE
Operating Input Voltage Range
Vin
0.7 to 10
V
Quiescent Input Current
Iin
µA
Vin = 2.9 V
0.9
2.7
Vin = 5.6 V
1.2
3.6
Propagation Delay Time (Note 2)
tp
100
µs
NOTES: 1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. Propagation delay time is measured from the rising or falling edge of the input voltage to the point where the output voltage has transitioned to 50%
of its final value.


Số phần tương tự - MC33464N-45CTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Mô tả tương tự - MC33464N-45CTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com