công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC128S022EVAL bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI) |
|
|
ADC128S022EVAL bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI) |
2 / 18 page Block Diagram 20162707 Pin Descriptions and Equivalent Circuits Pin No. Symbol Equivalent Circuit Description ANALOG I/O 4 - 11 IN0 to IN7 Analog inputs. These signals can range from 0V to V REF. DIGITAL I/O 16 SCLK Digital clock input. The guaranteed performance range of frequencies for this input is 0.8 MHz to 3.2 MHz. This clock directly controls the conversion and readout processes. 15 DOUT Digital data output. The output samples are clocked out of this pin on the falling edges of the SCLK pin. 14 DIN Digital data input. The ADC128S022’s Control Register is loaded through this pin on rising edges of the SCLK pin. 1CS Chip select. On the falling edge of CS, a conversion process begins. Conversions continue as long as CS is held low. POWER SUPPLY 2V A Positive analog supply pin. This voltage is also used as the reference voltage. This pin should be connected to a quiet +2.7V to +5.25V source and bypassed to GND with 1 µF and 0.1 µF monolithic ceramic capacitors located within 1 cm of the power pin. 13 V D Positive digital supply pin. This pin should be connected to a +2.7V to V A supply, and bypassed to GND with a 0.1 µF monolithic ceramic capacitor located within 1 cm of the power pin. 3 AGND The ground return for the analog supply and signals. 12 DGND The ground return for the digital supply and signals. www.national.com 2 |
Số phần tương tự - ADC128S022EVAL |
|
Mô tả tương tự - ADC128S022EVAL |