công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33060AD bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC33060AD
Giải thích chi tiết về linh kiện  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060AD bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button MC33060AD Datasheet HTML 4Page - ON Semiconductor MC33060AD Datasheet HTML 5Page - ON Semiconductor MC33060AD Datasheet HTML 6Page - ON Semiconductor MC33060AD Datasheet HTML 7Page - ON Semiconductor MC33060AD Datasheet HTML 8Page - ON Semiconductor MC33060AD Datasheet HTML 9Page - ON Semiconductor MC33060AD Datasheet HTML 10Page - ON Semiconductor MC33060AD Datasheet HTML 11Page - ON Semiconductor MC33060AD Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
8
Figure 9. Standby Supply Current
versus Supply Voltage
Figure 10. Undervoltage Lockout Thresholds
versus Reference Load Current
Figure 11. Error Amplifier Characteristics
Figure 12. Deadtime and Feedback Control
Figure 13. Common–Emitter Configuration
and Waveform
0
5.0
10
15
20
25
30
35
40
VCC, SUPPLY VOLTAGE (V)
+
-
+
-
Vin
Vref
Error Amplifier
Under Test
Feedback
Terminal
(Pin 3)
Other Error
Amplifier
Test
Inputs
VCC = 15V
150Ω
2W
Output
50kΩ
Dead-
Time
VCC
RT
CT
(+)
(-)
(+)
(-)
Error
C
E
Gnd
Ref
Out
Feedback
Output
Transistor
C
E
15V
RL
68Ω
VC
CL
15pF
90%
90%
VC
10%
10%
tr
tf
90%
90%
VE
10%
10%
tr
tf
Output
Transistor
C
E
15V
RL
68Ω
CL
15pF
VE
Figure 14. Emitter–Follower Configuration
and Waveform
0
5.0
10
15
20
25
30
35
40
IL, REFERENCE LOAD CURRENT (mA)
Turn On
Turn Off
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
6.0
5.5
5.0
4.5
4.0
9.0
10


Số phần tương tự - MC33060AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060ADG ONSEMI-MC33060ADG Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060ADR2 ONSEMI-MC33060ADR2 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060ADR2G ONSEMI-MC33060ADR2G Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
More results

Mô tả tương tự - MC33060AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com