công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33464N-27ATR bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33464N-27ATR
Giải thích chi tiết về linh kiện  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33464N-27ATR bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33464N-27ATR Datasheet HTML 1Page - ON Semiconductor MC33464N-27ATR Datasheet HTML 2Page - ON Semiconductor MC33464N-27ATR Datasheet HTML 3Page - ON Semiconductor MC33464N-27ATR Datasheet HTML 4Page - ON Semiconductor MC33464N-27ATR Datasheet HTML 5Page - ON Semiconductor MC33464N-27ATR Datasheet HTML 6Page - ON Semiconductor MC33464N-27ATR Datasheet HTML 7Page - ON Semiconductor MC33464N-27ATR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC33464
2
MOTOROLA ANALOG IC DEVICE DATA
Representative Block Diagrams
This device contains 25 active transistors.
MC33464X–YYATZ
Open Drain Configuration
MC33464X–YYCTZ
Complementary Drive Configuration
X Denotes Package Type
YY Denotes Threshold Voltage
TZ Denotes Taping Type
Vref
2
Input
1
Reset
3
Gnd
Vref
2
Input
1
Reset
3
Gnd
MAXIMUM RATINGS (TC = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Input Supply Voltage
Vin
0 to 10
V
Reset Output Voltage
VO
–0.3 to 10
V
Reset Output Current (Source or Sink)
IO
70
mA
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation
Case 1212 (SOT–23) N Suffix
PD
150
mW
Thermal Resistance, Junction–to–Ambient
R
θJA
667
°C/W
Maximum Power Dissipation
Case 1213 (SOT–89) H suffix
PD
300
mW
Thermal Resistance, Junction–to–Ambient
R
θJA
333
°C/W
Operating Junction Temperature
TJ
+125
°C
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–40 to +125
°C
Lead Temperature (Soldering)
Tsolder
260
°C, 10 s


Số phần tương tự - MC33464N-27ATR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Mô tả tương tự - MC33464N-27ATR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com