công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33765 bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC33765 bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 16 page MC33765 http://onsemi.com 5 REGULATOR ELECTRICAL CHARACTERISTICS ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = –40°C to +85°C/Max TJ = 125°C) Characteristics Symbol Min Typ Max Unit Dynamic Parameters Rise Time (1% 99%) Common Enable at ON state, Cbypass = 10 nF, Iout at max. current VR1, VR2, VR4, VR5 with COUT = 100 nF, TA = 25°C ton – – 30 ms VR3 with COUT = 1.0 mF, TA = 25°C – – 150 ms Fall Time (99% 1%) [COUT = 100 nF, IOUT = 30 mA] (Note 4.) toff – 100 – ms Overshoot (COUT = 100 nF for VR1, VR2, VR4, VR5 and COUT = 1.0 mF for VR3) at TA = 25°C – 5 8 % Common Enable at ON state, independent enable from OFF to ON state Settling Time (to ±0.1% of nominal) at TA = 25°C Common Enable at ON state, independent enable from OFF to ON state – 95 – ms Noise and Crosstalks Noise Voltage (100 Hz < f < 100 kHz) with Cbypass = 100 nF mV RMS VR1, VR2, VR4, VR5 with COUT = 100 nF – 40 – VR3 with COUT = 1.0 mF – 25 30 Static crosstalk (DC shift) between the Regulator Output, TA = 25°C (Note 5.) – 150 200 mV Dynamic CrossTalk Attenuation between the Regulator Outputs 30 35 – dB (f = 10 kHz), TA = 25°C (Note 6.) Thermal Shutdown Thermal Shutdown – 160 – °C 4. The Fall time is highly dependent on the load conditions, i.e. load current for a specified value of COUT. 5. Static Crosstalk is a DC shift caused by switching ON one of the outputs through independent enable to all other outputs. This parameter is highly dependent on overall PCB layout and requires the implementation of low–noise GROUND rules (e.g. Ground plane). 6. Dynamic crosstalk is the ratio between a forced output signal to signal transferred to other outputs. This requires special device configuration to be measured. |
Số phần tương tự - MC33765 |
|
Mô tả tương tự - MC33765 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |