công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33765 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33765
Giải thích chi tiết về linh kiện  Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33765 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33765 Datasheet HTML 1Page - ON Semiconductor MC33765 Datasheet HTML 2Page - ON Semiconductor MC33765 Datasheet HTML 3Page - ON Semiconductor MC33765 Datasheet HTML 4Page - ON Semiconductor MC33765 Datasheet HTML 5Page - ON Semiconductor MC33765 Datasheet HTML 6Page - ON Semiconductor MC33765 Datasheet HTML 7Page - ON Semiconductor MC33765 Datasheet HTML 8Page - ON Semiconductor MC33765 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC33765
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Pin #
Value
Unit
Power Supply Voltage
VCC
5.3
V
Thermal Resistance Junction–to–Air
RqJA
140
°C/W
Operating Ambient Temperature
TA
–40 to +85
°C
Maximum Operating Junction Temperature
TJ
125
°C
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
Tstg
–60 to +150
°C
CONTROL ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = –40°C to +85°C/ Max TJ = 125°C)
Characteristics
Symbol
Pin #
Min
Typ
Max
Unit
Independent Enable Pins
Input Voltage Range
VON/OFF(1–5)
0
VCC
V
Control Input Impedance
100
k
W
Logic “0”, i.e. OFF State
VON/OFF(1–5)
0.5
V
Logic “1”, i.e. ON State
2.0
Common Enable Pin
Input Voltage Range
VCE
2
0
VCC
V
Control Input Impedance
2
100
k
W
Logic “0”, i.e. OFF State
VCE
2
0.3
V
Logic “1”, i.e. ON State
2.0
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = –40°C to +85°C/ Max TJ = 125°C)
Characteristics
Symbol
Min
Typ
Max
Unit
CURRENT CONSUMPTION with NO LOAD
Current Consumption at Logic “0” for the complete device,
IQOFF
mA
i.e. Common Enable and All Independent Enable pins at OFF State
5.0
Current Consumption at Logic “1” for the complete device,
IQON1
mA
i.e. Common Enable and All Independents Enable pins at ON State
470
Current Consumption at Logic “1”, Common Enable at ON State
IQON2
mA
and All Independents Enable pins at OFF State
130


Số phần tương tự - MC33765

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33765 ONSEMI-MC33765 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765 ONSEMI-MC33765 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33765DTB ONSEMI-MC33765DTB Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765DTBG ONSEMI-MC33765DTBG Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765DTBR2 ONSEMI-MC33765DTBR2 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
More results

Mô tả tương tự - MC33765

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33765 ONSEMI-MC33765_06 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
Sensitron
SHD52627 SENSITRON-SHD52627 Datasheet
36Kb / 2P
   POSITIVE 5 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
STMicroelectronics
LD56100 STMICROELECTRONICS-LD56100 Datasheet
1Mb / 22P
   1 A very low dropout fast transient ultra-low noise linear regulator
Rev 2 - June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com