công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33761SNT1-25 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33761SNT1-25
Giải thích chi tiết về linh kiện  Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33761SNT1-25 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33761SNT1-25 Datasheet HTML 1Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 2Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 3Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 4Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 5Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 6Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 7Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 8Page - ON Semiconductor MC33761SNT1-25 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 7
1
Publication Order Number:
MC33761/D
MC33761
Ultra Low−Noise Low
Dropout Voltage Regulator
with 1.0 V ON/OFF Control
The MC33761 is an Low DropOut (LDO) regulator featuring
excellent noise performances. Thanks to its innovative design, the
circuit reaches an impressive 40
mVRMS noise level without an
external bypass capacitor. Housed in a small SOT−23 5 leads−like
package, it represents the ideal designer’s choice when space and
noise are at premium. The absence of external bandgap capacitor
accelerates the response time to a wake−up signal and keeps it within
40
ms (in repetitive mode), making the MC33761 as a natural
candidate for portable applications.
The MC33761 also hosts a novel architecture which prevents
excessive undershoots in the presence of fast transient bursts, as in any
bursting systems.
Finally, with a static line regulation better than −75 dB, it naturally
shields the downstream electronics against choppy lines.
Features
Ultra−Low Noise: 150 nV/√Hz @ 100 Hz, 40 mVRMS
100 Hz−100 kHz Typical, Iout = 60 mA, Co = 1.0
mF
Fast Response Time from OFF to ON: 40 ms Typical at a 200 Hz
Repetition Rate
Ready for 1.0 V Platforms: ON with a 900 mV High Level
Nominal Output Current of 80 mA with a 100 mA Peak Capability
Typical Dropout of 90 mV @ 30 mA, 160 mV @ 80 mA
Ripple Rejection: 70 dB @ 1.0 kHz
1.5% Output Precision @ 25°C
Thermal Shutdown
V
out Available at 2.5 V, 2.8 V, 2.9 V, 3.0 V, 5.0 V
Operating Range from −40 to +85°C
Dual Version is Available as MC33762
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
Applications
Noise Sensitive Circuits: VCOs RF Stages, etc.
Bursting Systems (TDMA Phones)
All Battery Operated Devices
Figure 1. Simplified Block Diagram
Thermal
Shutdown
On/Off
Band Gap
Reference
*Current Limit
*Antisaturation Protection
*Load Transient Improvement
Vout
Vin
GND
NC
ON/
OFF
5
1
2
4
3
THIN SOT−23−5
SN SUFFIX
CASE 483
1
5
PIN CONNECTIONS AND
MARKING DIAGRAM
1
3
NC
Vin
2
GND
ON/OFF
4
Vout
5
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
xx = Version
Y = Year
W = Work Week
(Top View)
http://onsemi.com


Số phần tương tự - MC33761SNT1-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33761SNT1-025 ONSEMI-MC33761SNT1-025 Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-025G ONSEMI-MC33761SNT1-025G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-028 ONSEMI-MC33761SNT1-028 Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-028G ONSEMI-MC33761SNT1-028G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-029 ONSEMI-MC33761SNT1-029 Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
More results

Mô tả tương tự - MC33761SNT1-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com