công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33560DTBR2 bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33560DTBR2
Giải thích chi tiết về linh kiện  Power Management and Interface IC for Smartcard Readers and Couplers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33560DTBR2 bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33560DTBR2 Datasheet HTML 6Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 7Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 8Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 9Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 10Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 11Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 12Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 13Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MC33560
http://onsemi.com
10
Pin
Name/Function
Type
Symbol
CARD INTERFACE
18
CRDCON
INPUT high
impedance
This pin connects to PGND or VBAT, or possibly to an output port of the microcontroller. With
this pin set to a logic “0”, the presence of a card is signalled with a logic ”1” on pin 17. With
this pin set to a logic ”1”, the presence of a card is signalled with a logic ”0” on pin 17.
19
CRDC8
I/O
General purpose input/output. It has the same behavior as CRDIO. It can be connected to the
C8 pin of the card connector
CURRENT LIMIT AND THERMAL PROTECTION
1
PGND
POWER
This pin is the return path for the current flowing into pin 22 (L1). It must be connected to
CRDGND using appropriate grounding techniques.
12
CRDGND
POWER
This pin is the signal ground. It must be connected to the ground pin of the card connector. It
is the reference level for all analog and digital signals.
13
CRDVCC
POWER
This pin connects to the VCC pin of the card connector. It is the reference level for a logic ”1”
of pins 11, 14, 15, 16 and 19.
22
L1
POWER
This pin connects to an external inductance for the DC/DC converter. Please refer to the
description of the DC/DC converter functional block.
23
VBAT
POWER
This pin is connected to the supply voltage. Logic level ”1” of pins 2 to 10, 17, 18, 20 and 21 is
referenced to VBAT. Operation of the MC33560 is inhibited when VBAT is lower than the
minimum value.
24
ILIM
POWER
This pin can be connected to the PGND pin, or to a resistor connected to PGND, or left open,
depending on the peak coil current needed to supply the card.
PROGRAMMING AND STATUS FUNCTIONS
The MC33560 features a programming interface and a status interface. Figure 20 shows how to enter and exit programming
mode; table 2 shows which pins are used to access the various functions.
PWRON
CS
RDYMOD (in)
IO
RESET
PROGRAM DATA VALUE
PROGRAM DATA VALUE
PROGRAM DATA VALUE
ENTER
PROGRAMMING
MODE
LATCH
PROGRAM
VALUE
EXIT
PROGRAMMING
MODE
Figure 20. MC33560 Programming Sequence
Table 2: PIN USE FOR PROGRAMMING AND STATUS FUNCTIONS
Programs
CRDVCC
TO 3V/5V
Select VCC
ON/OFF
Select
Clock Input
Program ASYCLKIN
Divide Ratio
Poll Card
Status
Poll CRDVCC
Status
RDYMOD
(in/out)
Force to 0
READ
Force to 0
Force to 0
READ
READ
CS (in)
rising edge
0
rising edge
rising edge
0
0
PWRON
0/1
0/1
Programs CRDVCC
Programs CRDVCC
0 or Hi–z
1
RESET (in)
Programs CLK
input/divide ratio
NOT USED
0/1
0/1
NOT USED
NOT USED
IO (in)
Programs CLK
input/divide ratio
NOT USED
0/1
0/1
NOT USED
NOT USED


Số phần tương tự - MC33560DTBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560DTBR2 ONSEMI-MC33560DTBR2 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560DTBR2G ONSEMI-MC33560DTBR2G Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
More results

Mô tả tương tự - MC33560DTBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
ELATEC GmbH
HKSD-B ELATEC-HKSD-B Datasheet
227Kb / 2P
   TWN4 SmartCard holder Mounting solution for TWN4 MultiTech SmartCard readers
11/2023
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com