công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33560DTB bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33560DTB
Giải thích chi tiết về linh kiện  Power Management and Interface IC for Smartcard Readers and Couplers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33560DTB bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33560DTB Datasheet HTML 1Page - ON Semiconductor MC33560DTB Datasheet HTML 2Page - ON Semiconductor MC33560DTB Datasheet HTML 3Page - ON Semiconductor MC33560DTB Datasheet HTML 4Page - ON Semiconductor MC33560DTB Datasheet HTML 5Page - ON Semiconductor MC33560DTB Datasheet HTML 6Page - ON Semiconductor MC33560DTB Datasheet HTML 7Page - ON Semiconductor MC33560DTB Datasheet HTML 8Page - ON Semiconductor MC33560DTB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 1999
October, 1999 – Rev. 0
1
Publication Order Number:
MC33560/D
MC33560
Power Management and
Interface IC for Smartcard
Readers and Couplers
The MC33560 is an interface IC for smartcard reader/writer
applications. It enables the management of any type of smart or memory
card through a simple and flexible microcontroller interface. Moreover,
several couplers can be coupled in parallel, thanks to the chip select input
pin (pin #5). The MC33560 is particularly suited to low power and
portable applications because of its power saving features and the
minimum of external parts required. Battery life is extended by the wide
operating range and the low quiescent current in stand by mode. A highly
sophisticated protection system guarantees timely and controlled
shutdown upon error conditions.
100% Compatible with ISO 7816–3 Standard
Wide Battery Supply Voltage Range: 1.8V < VBAT < 6.6V
Programmable VCC Supply for 3V or 5V Card Operation
Power Management for Very Low Quiescent Current in Stand By
Mode (30
µA max)
Microprocessor Wake–up Signal Generated Upon Card Insertion
Self Contained DC/DC Converter to Generate VCC using a Minimum
of Passive Components
Controlled Power Up/Down Sequence for High Signal Integrity on
the Card I/O and Signal Lines
Programmable Card Clock Generator
Chip Select Capability for Parallel Coupler Operation
High ESD Protection on Card Pins (4kV, Human Body Model)
Fault Monitoring VBATlow, VCClow and ICClim
All Card Outputs Current Limited and Short Circuit Protected
Tested Operating Temperature Range: –25°C to +85°C
SO–24L
DW SUFFIX
CASE 751E
1
http://onsemi.com
24
PIN CONNECTIONS
TSSOP–24
DTB SUFFIX
CASE 948H
1
24
124
23
22
21
20
19
18
17
2
3
4
5
6
7
8
(Top View)
PGND
PWRON
INT
INVOUT
ILIM
CRDDET
RDYMOD
CS
RESET
IO
CRDCON
CRDC8
C8
C4
L1
VBAT
16
15
14
13
9
10
11
12
CRDGND
CRDVCC
ASYCLKIN
SYNCLK
CRDIO
CRDRST
CRDCLK
CRDC4
Device
Package
Shipping
ORDERING INFORMATION
MC33560DW
MC33560DWR2
SO–24WB
30 Units/Rail
SO–24WB
1000 Tape & Reel
MC33560DTB
MC33560DTBR2
TSSOP–24
62 Units/Rail
TSSOP–24
2500 Tape & Reel
POWER
MANAGER
AND
PROGRAMMING
CLOCK
GENERATOR
DC/DC
CONVERTER
CRDDET
ASYCLKIN
CARD
DETECTOR
DELAY
LEVEL
TRANSLATOR
L1
ILIM
PGND
PWRON
RDYMOD
SYNCLK
INVOUT
IO
RESET
C4
C8
CRDCON
CRDVCC
CRDIO
CRDRST
CRDC4
CRDC8
CRDCLK
CRDGND
VBAT
VBAT
INT
CS
Figure 1. Simplified Functional Block Diagram


Số phần tương tự - MC33560DTB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560DTB ONSEMI-MC33560DTB Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560DTBR2 ONSEMI-MC33560DTBR2 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560DTBR2G ONSEMI-MC33560DTBR2G Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
More results

Mô tả tương tự - MC33560DTB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
ELATEC GmbH
HKSD-B ELATEC-HKSD-B Datasheet
227Kb / 2P
   TWN4 SmartCard holder Mounting solution for TWN4 MultiTech SmartCard readers
11/2023
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com