công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33466H-30LT1 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC33466H-30LT1
Giải thích chi tiết về linh kiện  FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33466H-30LT1 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC33466H-30LT1 Datasheet HTML 3Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 4Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 5Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 6Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 7Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 8Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 9Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 10Page - ON Semiconductor MC33466H-30LT1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC33466
7
MOTOROLA ANALOG IC DEVICE DATA
DEFINITIONS
Quiescent Bias Current – Current which is used to operate
the switching regulator chip and is not delivered to the load.
Leakage Current – Current drawn through a transistor
junction, under a specified collector voltage, when the
transistor is off.
FUNCTIONAL DESCRIPTION
Introduction
The MC33466 series are monolithic power switching
regulators optimized for dc–to–dc converter applications
where power drain must be minimized. The combination of
features in this series allows the system designer to directly
implement step–up, step–down or flyback converters with a
small number of external components. Potential applications
include low power consumer products and battery powered
portable products. Typical application circuits are shown in
Figures 17 through 21.
Operating Description
The MC33466 series converters operate as a fixed
frequency voltage mode regulator. Operation is intended to
be in the discontinuous mode, where the inductor current
ramps up to a peak value which is greater than or equal to
twice the value of the dc input current during the on–time of
the transistor switch. During the off–time of the transistor
switch, the inductor current ramps down to zero and remains
at zero until another switching cycle begins.
Because the output voltage pin is also used as the supply
voltage for powering internal circuitry, an external startup
circuit is needed in step–down converter and flyback designs
to provide initial power to the integrated circuit to begin
switching. The startup circuit needed can be three discrete
components, as shown in Figure 19, or a micropower
undervoltage sensor, as shown in Figure 20.
Oscillator
The oscillator frequency, is internally programmed to
50 kHz. The timing capacitor (CT) discharge to charge ratio
of the oscillator is designed for a maximum duty cycle of 80%
at the Lx or EXT output. During the charge of CT, the
oscillator generates an internal blanking pulse that holds the
PWM control off, disabling the output transistor drive. The
oscillator peak and valley thresholds are 0.5 V and ground,
respectively.
Pulse Width Modulator
The Pulse Width Modulator consists of a comparator with
the oscillator ramp voltage applied to the inverting input,
while the error amplifier output is applied to the noninverting
input. Output switch conduction is initiated when the timing
capacitor is charged to its peak voltage value. When the
timing capacitor ramp discharges to a voltage below the error
amplifier output, the comparator resets a latch terminating
output transistor drive for the duration of the oscillator ramp
period.
Error Amplifier and Reference
An Error Amplifier is provided which has a nominal 80 dB
of voltage gain at dc. Internal compensation components
provide poles at 0.25 Hz, 30 kHz and 33 kHz. Two zeros are
provided at 1.0 kHz and at 2.5 kHz. The output voltage value
is set by the internal voltage divider and a 0.7 V reference
which is trimmed to an accuracy of
±2.5%. Because the loop
compensation components are located within the IC,
discontinuous mode operation is recommended for most
applications.
Driver and Output Switch
To aid in system design flexibility and conversion
efficiency, two output driver options are provided. The
MC33466H–XXJT1 converters have an internal drive
transistor which is capable of sinking currents greater than
60 mA into the Lx pin. An internal VLx limiter circuit senses if
the Lx pin voltage exceeds 1.0 V during ton and turns off the
drive transistor. The MC33466H–XXJT1 provides output
drive for an external transistor.
Applications
The following converter applications show the simplicity
and flexibility of the converter architecture. Three main
converter topologies are demonstrated in Figures 17 through
21.
Figure 17. MC33466H–50KT1 Typical
Step–Up Application
MBRD520LT1
Vin
3
VO
Lx
Gnd
MC33466H–50KT1
22
µF
120
µH
1
VO
2
22
µF
Figure 18. MC33466H–50LT1 Typical
Step–Up Application
MBRD520LT1
Vin
3
MMBT2222ALT1
300
VO
EXT
Gnd
MC33466H–50LT1
100
µF
28
µH
0.01
µF
1
VO
5.0 V
2
22
µF


Số phần tương tự - MC33466H-30LT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Mô tả tương tự - MC33466H-30LT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33468 ONSEMI-MC33468 Datasheet
101Kb / 8P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Rev 1, 09/1999
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
logo
Semtech Corporation
SC1417B SEMTECH-SC1417B Datasheet
185Kb / 11P
   MicroPower, 620kHz PWM, Step-up DC/DC Converter
logo
Linear Technology
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com