công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33502 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC33502
Giải thích chi tiết về linh kiện  LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33502 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC33502 Datasheet HTML 3Page - ON Semiconductor MC33502 Datasheet HTML 4Page - ON Semiconductor MC33502 Datasheet HTML 5Page - ON Semiconductor MC33502 Datasheet HTML 6Page - ON Semiconductor MC33502 Datasheet HTML 7Page - ON Semiconductor MC33502 Datasheet HTML 8Page - ON Semiconductor MC33502 Datasheet HTML 9Page - ON Semiconductor MC33502 Datasheet HTML 10Page - ON Semiconductor MC33502 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MC33502
7
MOTOROLA ANALOG IC DEVICE DATA
f, FREQUENCY (kHz)
100
0
1.0
2.0
3.0
8.0
4.0
5.0
1.0 k
10 k
100 k
1.0 M
VCC = 2.5 V
VEE = –2.5 V
AV = 1.0
RL = 600 Ω
TA = 25°C
10
6.0
7.0
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Maximum Power Dissipation
versus Temperature
0
200
400
600
800
1000
1200
1400
1600
DIP Pkg
SO–8 Pkg
Figure 9. Open Loop Voltage Gain
versus Temperature
f, FREQUENCY (kHz)
100
1.0 k
10 k
100 k
10
20
60
80
120
40
100
0
0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
Source
Sink
|VS| – |VO| (V)
f, FREQUENCY (kHz)
100
1.0 k
10 k
10
100 k
1.0 M
VCC = 2.5 V
VEE = –2.5 V
TA = 25°C
–55
–25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
025
120
110
100
90
80
70
60
50
40
30
20
VCC = 2.5 V
VEE = –2.5 V
RL = 600 Ω
VCC = 2.5 V
VEE = –2.5 V
TA = 25°C
Figure 10. Output Voltage versus Frequency
Figure 11. Common Mode Rejection
versus Frequency
Figure 12. Power Supply Rejection
versus Frequency
Figure 13. Output Short Circuit Current
versus Output Voltage
0
40
60
100
20
80
120
140
Either VCC or VEE
TA = 25°C
VCC = 0.5 V
VEE = –0.5 V
VCC = 2.5 V
VEE = –2.5 V


Số phần tương tự - MC33502

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33502 ONSEMI-MC33502 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33502D ONSEMI-MC33502D Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33502DG ONSEMI-MC33502DG Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33502DR2 ONSEMI-MC33502DR2 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33502DR2G ONSEMI-MC33502DR2G Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
More results

Mô tả tương tự - MC33502

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_12 Datasheet
442Kb / 9P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_14 Datasheet
534Kb / 11P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com