công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33470 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33470
Giải thích chi tiết về linh kiện  SYNCHRONOUS RECTIFICATION DC/DC CONVERTER PROGRAMMABLE INTEGRATED CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33470 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33470 Datasheet HTML 1Page - ON Semiconductor MC33470 Datasheet HTML 2Page - ON Semiconductor MC33470 Datasheet HTML 3Page - ON Semiconductor MC33470 Datasheet HTML 4Page - ON Semiconductor MC33470 Datasheet HTML 5Page - ON Semiconductor MC33470 Datasheet HTML 6Page - ON Semiconductor MC33470 Datasheet HTML 7Page - ON Semiconductor MC33470 Datasheet HTML 8Page - ON Semiconductor MC33470 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC33470
2
MOTOROLA ANALOG IC DEVICE DATA
Oscillator
PWM
Comparator
OTA Error Amp
VCC
Sense
Compensation
PGnd
G1
G2
Ifb
Over Current
Detect
Outen
Power
Good
VID0
VID1
VID2
VID3
Vref
VCC
Voltage
Identification
Code
Input
Digitally Programmed
Reference
VCC
Vref
R
S
Q
PWM
Latch
+
0.96 Vref
1.04 Vref
5
VID4
18
17
16
15
14
410
9
14
3
1
8
20
2
19
0.93 Vref
1.04 Vref
13
AGnd
6
SS
800
µ
Over
Temp
11
Imax
7
10
µA
2.5 V
1.5 V
En
90
µA
190
µA
S
R
Q
Delay
Fault
1.14 Vref
20
µA
OT
Q
+
+
+
Delay
Simplified Block Diagram
PV
CC
MAXIMUM RATINGS (TC = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
7.0
V
Output Driver Supply Voltage (Operating)
PV
CC
18
V
Imax, Ifb Inputs
Vin
–0.3 to 18
V
All Other Inputs and Digital
Vin
–0.3 to
V
(OT, Fault, Power Good) Outputs
VCC + 0.3
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation
Case 751D DW Suffix (TA = 70°C)
PD
0.60
W
Thermal Resistance Junction–to–Ambient
R
θJA
91
°C/W
Thermal Resistance Junction–to–Case
R
θJC
60
°C/W
Operating Junction Temperature
TJ
125
°C
Operating Ambient Temperature (Notes 1 and 2)
TA
0 to +70
°C
Storage Temperature Range
Tstg
–55 to +125
°C
NOTE:
ESD data available upon request


Số phần tương tự - MC33470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33470 ONSEMI-MC33470 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
MC33470 ONSEMI-MC33470 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33470DW ONSEMI-MC33470DW Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
MC33470DWG ONSEMI-MC33470DWG Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
MC33470DWR2 ONSEMI-MC33470DWR2 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results

Mô tả tương tự - MC33470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189 Datasheet
313Kb / 16P
   Programmable synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
logo
Shindengen Electric Mfg...
MD1421N SHINDENGEN-MD1421N Datasheet
285Kb / 4P
   Synchronous Rectification DC to DC Converter Power IC
logo
Power Integrations, Inc...
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
   30 W DC-DC Converter with Synchronous Rectification
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com