công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33464H-30AT1 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33464H-30AT1
Giải thích chi tiết về linh kiện  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33464H-30AT1 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33464H-30AT1 Datasheet HTML 1Page - ON Semiconductor MC33464H-30AT1 Datasheet HTML 2Page - ON Semiconductor MC33464H-30AT1 Datasheet HTML 3Page - ON Semiconductor MC33464H-30AT1 Datasheet HTML 4Page - ON Semiconductor MC33464H-30AT1 Datasheet HTML 5Page - ON Semiconductor MC33464H-30AT1 Datasheet HTML 6Page - ON Semiconductor MC33464H-30AT1 Datasheet HTML 7Page - ON Semiconductor MC33464H-30AT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC33464
SEMICONDUCTOR
TECHNICAL DATA
MICROPOWER
UNDERVOLTAGE
SENSING CIRCUITS
N SUFFIX
PLASTIC PACKAGE
CASE 1212
(SOT–23–5)
5
1
Order this document by MC33464/D
H SUFFIX
PLASTIC PACKAGE
CASE 1213
(SOT–89)
TAB
1
(Tab is connected
to Pin 2)
15
4
2
3
(Top View)
Reset
Input
Ground
N/C
N/C
1
2
3
(Top View)
Reset
Input
Ground
Tab
1
MOTOROLA ANALOG IC DEVICE DATA
Micropower Undervoltage
Sensing Circuits
The MC33464 series are micropower undervoltage sensing circuits that
are specifically designed for use with battery powered microprocessor based
systems, where extended battery life is required. A choice of several
threshold voltages from 0.9 V to 4.5 V are available. These devices feature a
very low quiescent bias current of 0.8
µA typical.
The MC33464 series features a highly accurate voltage reference, a
comparator with precise thresholds and built–in hysteresis to prevent erratic
reset operation, a choice of output configurations between open drain or
complementary MOS, and guaranteed operation below 1.0 V with extremely
low standby current. These devices are available in either SOT–89 3–pin or
SOT–23 5–pin surface mount packages.
Applications include direct monitoring of the MPU/logic power supply
used in portable, appliance, automotive and industrial equipment.
MC33464 Features:
Extremely Low Standby Current of 0.8 µA at Vin = 1.5 V
Wide Input Voltage Range (0.7 V to 10 V)
Monitors Power Supply Voltages from 1.1 V to 5.0 V
High Accuracy Detector Threshold (±2.5%)
Two Reset Output Types (Open Drain or Complementary Drive)
Two Surface Mount Packages (SOT–89 or SOT–23 5–Pin)
ORDERING INFORMATION
Device
Threshold
Voltage
Type
Marking
Package
(Qty/Reel)
MC33464H–09AT1
0.9
T09A
MC33464H–20AT1
2.0
Open
T20A
MC33464H–27AT1
2.7
Drain
T27A
MC33464H–30AT1
3.0
Reset
T30A
MC33464H–45AT1
4.5
T45A
SOT 89
MC33464H–09CT1
0.9
T09C
SOT–89
(1000)
MC33464H–20CT1
2.0
Compl.
T20C
(1000)
MC33464H–27CT1
2.7
Com l.
MOS
T27C
MC33464H–30CT1
3.0
MOS
Reset
T30C
MC33464H–43CT1
4.3
Reset
T43C
MC33464H–45CT1
4.5
T45C
MC33464N–09ATR
0.9
9N
MC33464N–20ATR
2.0
0R
MC33464N–21ATR
2.1
Open
1R
MC33464N–27ATR
2.7
Drain
7R
MC33464N–30ATR
3.0
Reset
0S
MC33464N–45ATR
4.5
5T
SOT–23
MC33464N–48ATR
4.8
8T
(3000)
MC33464N–09CTR
0.9
9F
()
MC33464N–20CTR
2.0
Compl.
0J
MC33464N–27CTR
2.7
MOS
7J
MC33464N–30CTR
3.0
Reset
0K
MC33464N–45CTR
4.5
5L
Other voltages from 0.9 to 6.0 V, in 0.1 V increments, are available. Consult factory for
information.
© Motorola, Inc. 1999
Rev 2, 07/1999


Số phần tương tự - MC33464H-30AT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Mô tả tương tự - MC33464H-30AT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com