công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33468 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33468
Giải thích chi tiết về linh kiện  VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33468 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33468 Datasheet HTML 1Page - ON Semiconductor MC33468 Datasheet HTML 2Page - ON Semiconductor MC33468 Datasheet HTML 3Page - ON Semiconductor MC33468 Datasheet HTML 4Page - ON Semiconductor MC33468 Datasheet HTML 5Page - ON Semiconductor MC33468 Datasheet HTML 6Page - ON Semiconductor MC33468 Datasheet HTML 7Page - ON Semiconductor MC33468 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC33468
SEMICONDUCTOR
TECHNICAL DATA
VARIABLE FREQUENCY
MICROPOWER DC–to–DC
CONVERTER
Order this document by MC33468/D
N SUFFIX
PLASTIC PACKAGE
CASE 1212
(SOT–23–5)
15
4
2
3
(Top View)
Ground
Vdd
EXT
VOUT
N/C
PIN CONNECTIONS
5
1
1
MOTOROLA ANALOG IC DEVICE DATA
Variable Frequency
Micropower Step-up DC-DC
Converter
The MC33468 is a micropower step–up switching voltage regulator,
specifically designed for handheld and pager applications, to provide a
regulated output voltage using a minimum of external parts. This device
features a quiescent bias current of 3.0
µA typical.
The MC33468 features a highly accurate voltage reference, an error
amplifier, an oscillator, a variable frequency modulation (VFM) controller, a
drive pin (EXT) for an external transistor, and feedback resistors.
The Vout pin is fixed at 2V in the IC. The output of the converter with an
inductor, a diode, a capacitor, a drive transistor, and feed–back resistors can
have an output of 30V.
MC33468 Features:
Low Quiescent Bias Current of 3.0 µA
High Output Voltage Accuracy of ±2.5%
Low Startup Voltage of 0.8 V at No Load
Output Voltage Set With External Resistors
Operating Temperature Range: –40°C to +85°C
Surface Mount Package
ORDERING INFORMATION
Device
Output
Voltage
Marking
Reel
Size
Tape
Width
Quantity
MC33468SN–20ATR
2.0
0KXX*
7”
8 mm
3000
* “XX” denotes the lot number.
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground
2
VDD
Input
3
EXT
External Transistor Drive
4
NC
No Connection
5
VOUT
Voltage Output Pin (Fixed at 2V)
Representative Block Diagram
Vref
Gnd
Oscillator
5
VOUT
1
Drive
VDD
2
EXT
3


Số phần tương tự - MC33468

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Mô tả tương tự - MC33468

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33466 ONSEMI-MC33466 Datasheet
167Kb / 12P
   FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
1999 Rev 4, 08/1
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
   MicroPower VFM Boost DC to Dc Converter
logo
ACE Technology Co., LTD...
ACE716E ACE-ACE716E Datasheet
582Kb / 10P
   Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.2
ACE714C ACE-ACE714C Datasheet
630Kb / 9P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8545 BELLING-BL8545 Datasheet
205Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
BL8548 BELLING-BL8548 Datasheet
415Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC-DC Converter
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com