công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33466H-30JT1 bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC33466H-30JT1
Giải thích chi tiết về linh kiện  FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33466H-30JT1 bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC33466H-30JT1 Datasheet HTML 4Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 5Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 6Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 7Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 8Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 9Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 10Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 11Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC33466
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 22. Design Equations
Calculation
Step–Down
Step–Up
Flyback
L
t
(V
in
–V
O
)(ton)
2I
O
t
(V
in
)(ton)
2I
in
t
(V
in
)(ton)
2I
in
ton
D
fs
D
fs
D
fs
D
t
(V
O
)
(V
in
)
t
(V
O *
V
in
)
(V
O
)
t
V
O
Ns
Np
(V
in
)
) V
O
IL(avg)
IO
Iin
Iin
IL(pk)
(V
in *
V
O
)(ton)
L
(V
in *
Vsat)(ton)
L
(V
in *
Vsat)(ton)
L
Vripple(pp)
I
L(pk)
1
8fsC
O
2
) (ESR)
2
1
2
The following converter design characteristics must be chosen:
Vin – Nominal Operating dc input voltage
VO – Desired dc output voltage
IO – Desired dc output current
Vripple(pp) – Desired peak–to–peak output ripple voltage. For best performance the ripple voltage should be kept to a low value since it will directly
affect line and load regulation. Capacitor CO should be a low equivalent series resistance (ESR) electrolytic designed for switching regulator
applications.
D – Operating duty cycle = ton(fs). This parameter must be chosen to be <0.5 for step–up and flyback applications.
NOTES: 1. Vsat – Saturation voltage of the switching transistor.
2. Iin – DC input switch.
3. fs – Switching frequency, nominally 50 kHz.
4. RO – Load resistance. RO = VO/IO.
5. Ns, Np – In flyback applications Ns is the number of turns of the secondary transformer winding; Np is the number of the primary winding turns.
Design Example – Step–down Application
Required: Vin = 8.0 V, an output voltage of 3.3 V at 300 mA is desired with an output ripple of less than 300 mVpp.
R
O +
V
O
I
O
+ 11 W
1. Because this is a discontinuous mode design, D
t
V
O
V
in
+ 3.3
8
+ 0.41. Choose D = 0.33.
2. ton [
D
fs
+ 0.33
(50 kHz)
+ 6.6 µs.
3. L
t
(V
in
–V
O
)(ton)
2I
O
+
(8 – 3.3)(6.6
µs)
[2(0.3)]
+ 51.7 µH.
Choose L = 47
µH. Coilcraft part number DO3316P–473.
4. I
L(pk) +
(V
in
–V
O
)(ton)
L
+
(8 – 3.3)(6.6
µs)
(47
µH)
+ 660 mA.
5. ESR
t
V
ripple(pp)
I
L(pk)
+
(300 mV)
(660 mA)
+ 0.455 W.
Choose CO = two parallel AVX 330 µF tantalum chip capacitors. Part Number TAJE337M006.
Specified maximum ESR for each is 0.9
Ω.
The complete design schematic is shown in Figure 19.


Số phần tương tự - MC33466H-30JT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Mô tả tương tự - MC33466H-30JT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33468 ONSEMI-MC33468 Datasheet
101Kb / 8P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Rev 1, 09/1999
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
logo
Semtech Corporation
SC1417B SEMTECH-SC1417B Datasheet
185Kb / 11P
   MicroPower, 620kHz PWM, Step-up DC/DC Converter
logo
Linear Technology
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com