công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33463 bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC33463
Giải thích chi tiết về linh kiện  VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33463 bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC33463 Datasheet HTML 4Page - ON Semiconductor MC33463 Datasheet HTML 5Page - ON Semiconductor MC33463 Datasheet HTML 6Page - ON Semiconductor MC33463 Datasheet HTML 7Page - ON Semiconductor MC33463 Datasheet HTML 8Page - ON Semiconductor MC33463 Datasheet HTML 9Page - ON Semiconductor MC33463 Datasheet HTML 10Page - ON Semiconductor MC33463 Datasheet HTML 11Page - ON Semiconductor MC33463 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC33463
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 20. Design Equations
Calculation
Step–Down
Step–Up
Flyback
ton
D
fosc
D
fosc
D
fosc
L
t ton
(V
in *
Vsat * VO)
(2I
O
)
t
(n)(V
in
)2(ton)
P
O
t
(n)(V
in
)2(ton)
P
O
IL(avg)
IO
Iin
Iin
IL(pk)
(V
in *
Vsat * VO)(ton)
L
(V
in *
Vsat)(ton)
L
(V
in *
Vsat)(ton)
L
Vripple(pp)
DI
L
1
16foscCO
2
) (ESR)
2
1
2
[
(ton)(IO)
(C
O
)
[
(ton)(IO)
(C
O
)
The following converter design characteristics must be chosen:
Vin – Nominal Operating dc input voltage
VO – Desired dc output voltage
IO – Desired dc output current
Vripple(pp) – Desired peak–to–peak output ripple voltage. For best performance the ripple voltage should be kept to a low value since it will directly
affect line and load regulation. Capacitor CO should be a low equivalent series resistance (ESR) electrolytic designed for switching regulator
applications.
NOTE: 1.
Vsat – Saturation voltage of the switching transistor.
n – Estimated circuit efficiency.


Số phần tương tự - MC33463

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Mô tả tương tự - MC33463

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33468 ONSEMI-MC33468 Datasheet
101Kb / 8P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Rev 1, 09/1999
MC33466 ONSEMI-MC33466 Datasheet
167Kb / 12P
   FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
1999 Rev 4, 08/1
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
   MicroPower VFM Boost DC to Dc Converter
logo
ACE Technology Co., LTD...
ACE716E ACE-ACE716E Datasheet
582Kb / 10P
   Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.2
ACE714C ACE-ACE714C Datasheet
630Kb / 9P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8545 BELLING-BL8545 Datasheet
205Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
BL8548 BELLING-BL8548 Datasheet
415Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC-DC Converter
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com