công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33368D bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33368D
Giải thích chi tiết về linh kiện  High Voltage GreenLine Power Factor Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33368D bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33368D Datasheet HTML 6Page - ON Semiconductor MC33368D Datasheet HTML 7Page - ON Semiconductor MC33368D Datasheet HTML 8Page - ON Semiconductor MC33368D Datasheet HTML 9Page - ON Semiconductor MC33368D Datasheet HTML 10Page - ON Semiconductor MC33368D Datasheet HTML 11Page - ON Semiconductor MC33368D Datasheet HTML 12Page - ON Semiconductor MC33368D Datasheet HTML 13Page - ON Semiconductor MC33368D Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC33368
http://onsemi.com
10
Table 1. Design Equations
Calculation
Formula
Notes
Converter Output Power
P
O +
V
O
I
O
Calculate the maximum required output power.
Peak Indicator Current
I
L(pk) +
22 P
O
h Vac
(LL)
Calculated at the minimum required ac line voltage for
output regulation. Let the efficiency
η = 0.92 for low line
operation.
Inductance
L
P +
t
V
O
2
–Vac
(LL)
h Vac
(LL)
2
2 V
O
P
O
Let the switching cycle t = 40
µs for universal input (85
to 265 Vac) operation and 20
µs for fixed input (92 to
138 Vac, or 184 to 276 Vac) operation.
Switch On–Time
t
(on) +
2P
O
L
P
h Vac2
In theory, the on–time t(on) is constant. In practice, t(on)
tends to increase at the ac line zero crossings due to
the charge on capacitor C5. Let Vac = Vac(LL) for initial
t(on) and t(off) calculations.
Switch Off–Time
t
(off) +
t
(on)
V
O
2 Vac Sin
q
–1
The off–time t(off) is greatest at the peak of the ac line
voltage and approaches zero at the ac line zero
crossings. Theta (
θ) represents the angle of the ac line
voltage.
Minimum Switch
Off–Time
t
(off)
min
+
L
P
I
L(pk)
V
O
The off–time is at a minimum at ac line crossings. This
equation is used to calculate t(off) as Theta approaches
zero.
Delay Time
t
d +
–R10 C7 ln
V
CC
–2
V
CC
The delay time is used to override the minimum
off–time at the ac line zero crossings by programming
the Frequency Clamp with C7 and R10.
Switching Frequency
f
+
1
t
(on) )
t
(off)
The minimum switching frequency occurs at the peak of
the ac line voltage. As the ac line voltage traverses
from peak to zero, t(off) approaches zero producing an
increase in switching frequency.
Peak Switch Current
R7
+
V
CS
I
L(pk)
Set the current sense threshold VCS to 1.0 V for
universal input (85 to 265 Vac) operation and to 0.5 V
for fixed input (92 to 138 Vac, or 184 to 276 Vac)
operation. Note that VCS must be less than 1.4 V.
Multiplier Input Voltage
V
M +
Vac
2
R5
R3 )
1
Set the multiplier input voltage VM to 3.0 V at high line.
Empirically adjust VM for the lowest distortion over the
ac line voltage range while guaranteeing startup at
minimum line.
Converter Output
Voltage
V
O +
V
ref
R2
R1 )
1
–I
IB
R1
The IIB R1 error term can be minimized with a divider
current in excess of 100
µA.
Converter Output
Peak–to–Peak
Ripple Voltage
DV
O(pp) +
I
L(pk)
1
2
p fac C3
2
) ESR2
The calculated peak–to–peak ripple must be less than
16% of the average dc output voltage to prevent false
tripping of the Overvoltage Comparator. Refer to the
Overvoltage Comparator Text. ESR is the equivalent
series resistance of C3.
Error Amplifier
Bandwidth
BW
+
gm
2
p C1
The bandwidth is typically set to 20 Hz. When operating
at high ac line, the value of C1 may need to be
increased.
NOTE: The following converter characteristics must be chosen:
VO = Desired output voltage.
Vac(LL) = AC RMS minimum required operating line voltage for output regulation.
IO = Desired output current.
∆VO = Converter output peak–to–peak ripple voltage.
Vac = AC RMS operating line voltage.


Số phần tương tự - MC33368D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368D ONSEMI-MC33368D Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33368DG ONSEMI-MC33368DG Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33368DG ONSEMI-MC33368DG Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
MC33368DR2 ONSEMI-MC33368DR2 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33368DR2G ONSEMI-MC33368DR2G Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
More results

Mô tả tương tự - MC33368D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368 ONSEMI-MC33368_11 Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
MC33368 ONSEMI-MC33368_05 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
NCP1618A ONSEMI-NCP1618A Datasheet
986Kb / 28P
   High-Voltage, Multimode Power Factor Controller
February, 2021 ??Rev. 1
NCP1618 ONSEMI-NCP1618 Datasheet
941Kb / 27P
   High-Voltage, Multimode Power Factor Controller
June, 2020 ??Rev. 0
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com