công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GRM188B11E112JA01 bảng dữ liệu(PDF) 4 Page - Murata Manufacturing Co., Ltd

tên linh kiện GRM188B11E112JA01
Giải thích chi tiết về linh kiện  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA1 [Murata Manufacturing Co., Ltd]
Trang chủ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM188B11E112JA01 bảng dữ liệu(HTML) 4 Page - Murata Manufacturing Co., Ltd

  GRM188B11E112JA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Temperature
Compensating Type
High Dielectric
Constant Type
15 High
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Temperature
High Humidity
Capacitance
Within +/-7.5% or +/-0.75pF
Within +/-12.5%
Test Temperature
: 40+/-2℃
(Steady)
Change
(Whichever is larger)
Test Humidity
: 90%RH to 95%RH
Test Time
: 500+/-12h
Q or D.F.
30pF and over:Q≧200
W.V.:100Vdc :0.05max.(C<0.068µF)
Applied Voltage
: DC Rated Voltage
30pF and below
 
:0.075max.(C≧0.068µF) Charge/discharge current : 50mA max.
:Q≧100+10C/3
W.V.:50/35/25Vdc :0.05max.
Exposure Time
: 24+/-2h
W.V.:16/10Vdc :0.05max.
C:Nominal Capacitance(pF)
W.V.:6.3/4Vdc :0.075max.(C<3.3µF)
:0.125max.(C≧3.3µF)
I.R.
More than 500MΩ or 25Ω·F (Whichever is smaller)
16 Durability
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Capacitance
Within +/-3% or +/-0.3pF
Within +/-12.5%
Test Temperature
: Max. Operating Temp. +/-3℃
Change
(Whichever is larger)
Test Time
: 1000+/-12h
Applied Voltage
:
200% of the rated voltage
Q or D.F.
30pF and over:Q≧350
W.V.:100Vdc :0.05max.(C<0.068µF)
Charge/discharge current : 50mA max.
10pF and over
:0.075max.(C≧0.068µF) Exposure Time
: 24+/-2h
30pF and below
W.V.:50/35/25Vdc :0.05max.
: Q≧275+5C/2
W.V.:16/10Vdc :0.05max.
・Initial measurement for high dielectric constant type
10pF and below
W.V.:6.3/4Vdc :0.075max.(C<3.3µF)
Apply 200% of the rated DC voltage at the max. operating
: Q≧200+10C
:0.125max.(C≧3.3µF) temp. +/-3°C for 1h and then let sit for 24+/-2h at room temperature,
then measure.
C:Nominal Capacitance (pF)
I.R.
More than 1,000MΩ or 50Ω·F (Whichever is smaller)
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
No
Item
Specification
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
Table A
Char.
Capacitance Change from 20
C (%)
-55℃
-25℃
-10℃
Max.
Min.
Max.
Min.
Max.
Min.
2C/0C
0.82
-0.45
0.49
-0.27
0.33
-0.18
3C
1.37
-0.90
0.82
-0.54
0.55
-0.36
4C
2.56
-1.88
1.54
-1.13
1.02
-0.75
2P
-
-
1.32
0.41
0.88
0.27
3P
-
-
1.65
0.14
1.10
0.09
4P
-
-
2.36
-0.45
1.57
-0.30
2R
-
-
1.70
0.72
1.13
0.48
3R
-
-
2.03
0.45
1.35
0.30
4R
-
-
2.74
-0.14
1.83
-0.09
2S
-
-
2.30
1.22
1.54
0.81
3S
-
-
2.63
0.95
1.76
0.63
4S
-
-
3.35
0.36
2.23
0.24
2T
-
-
3.07
1.85
2.05
1.23
3T
-
-
3.40
1.58
2.27
1.05
4T
-
-
4.12
0.99
2.74
0.66
3U
-
-
4.94
2.84
3.29
1.89
4U
-
-
5.65
2.25
3.77
1.50
1X
-
-
-
-
-
-
JEMCGS-0001U
4


Số phần tương tự - GRM188B11E112JA01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
GRM188B11E112KA01 MURATA1-GRM188B11E112KA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01D MURATA1-GRM188B11E112KA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01J MURATA1-GRM188B11E112KA01J Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01 MURATA1-GRM188B11E112MA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01D MURATA1-GRM188B11E112MA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Mô tả tương tự - GRM188B11E112JA01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com