công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST92195C5 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện ST92195C5
Giải thích chi tiết về linh kiện  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Download  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C5 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button ST92195C5 Datasheet HTML 6Page - STMicroelectronics ST92195C5 Datasheet HTML 7Page - STMicroelectronics ST92195C5 Datasheet HTML 8Page - STMicroelectronics ST92195C5 Datasheet HTML 9Page - STMicroelectronics ST92195C5 Datasheet HTML 10Page - STMicroelectronics ST92195C5 Datasheet HTML 11Page - STMicroelectronics ST92195C5 Datasheet HTML 12Page - STMicroelectronics ST92195C5 Datasheet HTML 13Page - STMicroelectronics ST92195C5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 249 page
background image
10/249
ST92195C/D - GENERAL DESCRIPTION
INTRODUCTION (Cont’d)
Figure 1. ST92195C/D Block Diagram
I/O
PORT 0
I²C 2)
PWM
D/A CON-
VERTER
SPI
I/O
PORT 4
I/O
PORT 5
Up to 96
Kbytes ROM
DATA
SLICER
& ACQUI-
SITION
UNIT
SYNC.
EXTRAC-
TION
Up to 8
Kbytes
TDSRAM
TRI
256 or 512
bytes RAM
STANDARD
TIMER 1)
TIMING AND
CLOCK CTRL
16-BIT
TIMER/
WATCHDOG
VPS/WSS
DATA
SLICER
I/O
PORT 2
ADC
CVBS1
I/O
PORT 3
SYNC
CONTROL
VSYNC
HSYNC/CSYNC
ON
SCREEN
DISPLAY
FREQ.
MULTIP.
PXFM
NMI
INT[7:4]
INT2
256 bytes
Register File
ST9+ CORE
8/16-bit
CPU
Interrupt
Management
RCCU
OSCIN
OSCOUT
RESET
RESETO
P0[7:0]
WSCR
WSCF
CVBS2
R/G/B/FB
PWM[7:0]
SDO/SDI
SCK
INT0
STOUT0
MMU
MCFM
TXCF
TSLU
AIN[4:1]
EXTRG
P2[5:0]
P4[7:0]
P5[1:0]
P3[7:4]
CSO
HT
All alternate functions
(Italic characters) are mapped on Ports 0, 2, 3, 4 and 5
2
8
4
6
8
VOLTAGE
SYNTHESIS
VSO[2:1]
SDA1/SCL1
SDA2/SCL2
Note 1: One standard timer on ST92195C devices, two standard timers on ST92195D devices
Note 2: I²C available on ST92195D devices only


Số phần tương tự - ST92195C5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92195 STMICROELECTRONICS-ST92195 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1 STMICROELECTRONICS-ST92195B1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1B1 STMICROELECTRONICS-ST92195B1B1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92195B1T1 STMICROELECTRONICS-ST92195B1T1 Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
More results

Mô tả tương tự - ST92195C5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
   ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
   24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
   16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
logo
STMicroelectronics
ST92196A STMICROELECTRONICS-ST92196A Datasheet
2Mb / 268P
   8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
logo
STMicroelectronics
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
   16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com