công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

UGF15DT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

tên linh kiện UGF15DT
Nội dung chi tiết  15.0 Ampere Insulated Single Ultra Fast Recovery Rectifier Diodes
tải về  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Trang chủ  http://www.thinkisemi.com
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
UGF15DT/UGF15GT/UGF15JT
15.0 Ampere Insulated Single Ultra Fast Recovery Rectifier Diodes
Pb Free Plating Product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UGF15DT
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward
Rectified Current
@TA =125℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 15.0A DC
VF
1.50
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
Maximum Reverse Recovery Time(Note1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating and Storage Temperature Range
TJ,TSTG
I(AV)
UNIT
SYMBOL
CHARACTERISTICS
15.0
IFSM
0.95
1.25
250
A
5.0
A
35-50
IR
μA
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
50
3.0
80
3.Thermal resistance junction to ambient
-55 to + 150
UGF15GT
UGF15JT
Features
Low forward voltage drop
High current capability
Case: Isolated FullPak TO-220F-2L/ITO-220AC
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,Motor Control and UPS
Car Audio Amplifiers and Sound Device Systems
Latest P/G technology with ultra fast recovery time
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
UGF15DT thru UGF15JT
Unit: mm
ITO-220AC/TO-220F-2L
.196(5.00)
.118(3.00)
.038(0.96)
.419(10.66)
.167(3.73)
.122(3.10)
.163(4.16)
.079(2.00)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Internal Configuration



Html Pages

1  2 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn