công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33368 bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện MC33368
Giải thích chi tiết về linh kiện  High Voltage GreenLine Power Factor Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33368 bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button MC33368 Datasheet HTML 9Page - ON Semiconductor MC33368 Datasheet HTML 10Page - ON Semiconductor MC33368 Datasheet HTML 11Page - ON Semiconductor MC33368 Datasheet HTML 12Page - ON Semiconductor MC33368 Datasheet HTML 13Page - ON Semiconductor MC33368 Datasheet HTML 14Page - ON Semiconductor MC33368 Datasheet HTML 15Page - ON Semiconductor MC33368 Datasheet HTML 16Page - ON Semiconductor MC33368 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MC33368
http://onsemi.com
13
Figure 17. Power Factor Test Setup
10
AC Power
Analyzer
PM 1000
A
V
Voltech
EMI Filter
T
2X Step–up
Isolation
Transformer
Autoformer
115 Vrms
Input
Line
Neutral
0 to 270 Vac
Output to
Power Factor
Correction
Circuit
HI
HI
L.O.
L.O.
0.1
1.0
WVA
PF Vrms Arms
VD Acf Ainst Freq HARM
An RFI filter is required for best performance when connecting the preconverter directly to the ac line. The filter attenuates the level of high frequency switching that
appears on the ac line current waveform. Figures 15 and 16 work well with commercially available two stage filters such as the Delta Electronics 03DPCG6. Shown
above is a single stage test filter that can easily be constructed with four ac line rated capacitors and a common–mode transformer. Coilcraft CMT3–28–2 was used
to test Figures 15 and 16. It has a minimum inductance of 28 mH and a maximum current rating of 2.0 A. Coilcraft CMT4–17–9 was used to test Figure 19. It has a
minimum inductance of 17 mH and a maximum current rating of 9.0 A. Circuit conversion efficiency
η (%) was calculated without the power loss of the RFI filter.
Figure 18. On/Off Control
Multiplier
8
C1
22
Frequency
Clamp
R
S
Q
R
S
S
Timer
R
Vref
Leading Edge
Blanking
Low
Load Detect
Comp
FB
6
LEB
13
PGnd
Gate
ZCD
VCC
Line
RD
AGnd
MC33368
16
12
7
11
10
FC
9
3
1
4
Quickstart
Overvoltage
Comparator
Set Dominant
1.5 V
15 V
Q
5.0 V
Reference
DC
Out
D5
C3
330
MTW14N50E
Q1
D6
C4
100
T
R4
22 k
EMI
Filter
92 to
270 Vrms
R7
0.1
C5
1.0
R5
1.3 M
R3
10 k
C2
0.01
R1
10 k
R2
820 k
R8
10 k
C9
330
µF
D1
D3
D2
D4
R11
10
15 V
C6
0.1
13/8.0
UVLO
1.2/1.0
R13
51
D8
RS Latch
Vref
Vref
Vref
CS
2
5
Mult
VCC
6.9 V
1.0 k
10 k
1.0 k
2N3904
1N4148
On/Off
Input
Zero
Current
Detect
1.08 x Vref
5.0 V
Off
0 V
On


Số phần tương tự - MC33368

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368 ONSEMI-MC33368 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33368 ONSEMI-MC33368 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33368 ONSEMI-MC33368 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
MC33368D ONSEMI-MC33368D Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33368DG ONSEMI-MC33368DG Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
More results

Mô tả tương tự - MC33368

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368 ONSEMI-MC33368_11 Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
MC33368 ONSEMI-MC33368_05 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
NCP1618A ONSEMI-NCP1618A Datasheet
986Kb / 28P
   High-Voltage, Multimode Power Factor Controller
February, 2021 ??Rev. 1
NCP1618 ONSEMI-NCP1618 Datasheet
941Kb / 27P
   High-Voltage, Multimode Power Factor Controller
June, 2020 ??Rev. 0
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com