công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33363BDW bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC33363BDW
Giải thích chi tiết về linh kiện  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363BDW bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC33363BDW Datasheet HTML 4Page - ON Semiconductor MC33363BDW Datasheet HTML 5Page - ON Semiconductor MC33363BDW Datasheet HTML 6Page - ON Semiconductor MC33363BDW Datasheet HTML 7Page - ON Semiconductor MC33363BDW Datasheet HTML 8Page - ON Semiconductor MC33363BDW Datasheet HTML 9Page - ON Semiconductor MC33363BDW Datasheet HTML 10Page - ON Semiconductor MC33363BDW Datasheet HTML 11Page - ON Semiconductor MC33363BDW Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC33363B
9
MOTOROLA ANALOG IC DEVICE DATA
The Power Switch is designed to directly drive the converter
transformer and is capable of switching a maximum of 700 V
and 1.0 A. Proper device voltage snubbing and heatsinking
are required for reliable operation.
A Leading Edge Blanking circuit was placed in the current
sensing signal path. This circuit prevents a premature reset
of the PWM Latch. The premature reset is generated each
time the Power Switch is driven into conduction. It appears as
a narrow voltage spike across the current sense resistor, and
is due to the MOSFET gate to source capacitance,
transformer interwinding capacitance, and output rectifier
recovery time. The Leading Edge Blanking circuit has a
dynamic behavior in that it masks the current signal until the
Power Switch turn–on transition is completed. The current
limit propagation delay time is typically 262 ns. This time is
measured from when an overcurrent appears at the Power
Switch drain, to the beginning of turn–off.
Error Amplifier
An fully compensated Error Amplifier with access to the
inverting input and output is provided for primary side voltage
sensing, Figure 17. It features a typical dc voltage gain of 82
dB, and a unity gain bandwidth of 1.0 MHz with 78 degrees of
phase margin, Figure 5. The noninverting input is internally
biased at 2.6 V
±3.1% and is not pinned out. The Error
Amplifier output is pinned out for external loop compensation
and as a means for directly driving the PWM Comparator.
The output was designed with a limited sink current capability
of 270
µA, allowing it to be easily overridden with a pull–up
resistor. This is desirable in applications that require
secondary side voltage sensing.
Overvoltage Protection
An Overvoltage Protection Comparator is included to
eliminate the possibility of runaway output voltage. This
condition can occur if the control loop feedback signal path is
broken due to an external component or connection failure.
The comparator is normally used to monitor the primary side
VCC voltage. When the 2.6 V threshold is exceeded, it will
immediately turn off the Power Switch, and protect the load
from a severe overvoltage condition. This input can also be
driven from external circuitry to inhibit converter operation.
Undervoltage Lockout
An Undervoltage Lockout comparator has been
incorporated to guarantee that the integrated circuit has
sufficient voltage to be fully functional before the output stage
is enabled. The UVLO comparator monitors the VCC voltage
at Pin 3 and when it exceeds 14.5 V, the reset signal is
removed from the PWM Latch allowing operation of the
Power Switch. To prevent erratic switching as the threshold is
crossed, 5.0 V of hysteresis is provided.
Startup Control
An internal Startup Control circuit with a high voltage
enhancement mode MOSFET is included within the
MC33363B. This circuitry allows for increased converter
efficiency by eliminating the external startup resistor, and its
associated power dissipation, commonly used in most
off–line converters that utilize a UC3842 type of controller.
Rectified ac line voltage is applied to the Startup Input, Pin 1.
This causes the MOSFET to enhance and supply internal
bias as well as charge current to the VCC bypass capacitor
that connects from Pin 3 to ground. When VCC reaches the
UVLO upper threshold of 15.2 V, the IC commences
operation and the startup MOSFET is turned off. Operating
bias is now derived from the auxiliary transformer winding,
and all of the device power is efficiently converted down from
the rectified ac line.
The startup MOSFET will provide a steady current of
1.7 mA, Figure 10, as VCC increases or shorted to ground.
The startup MOSFET is rated at a maximum of 400 V with
VCC shorted to ground, and 500 V when charging a VCC
capacitor of 1000
µF or less.
Regulator
A low current 6.5 V regulated output is available for
biasing the Error Amplifier and any additional control system
circuitry. It is capable of up to 10 mA and has short–circuit
protection. This output requires an external bypass capacitor
of at least 1.0
µF for stability.
Thermal Shutdown and Package
Internal thermal circuitry is provided to protect the Power
Switch in the event that the maximum junction temperature is
exceeded. When activated, typically at 150
°C, the Latch is
forced into a ‘reset’ state, disabling the Power Switch. The
Latch is allowed to ‘set’ when the Power Switch temperature
falls below 140
°C. This feature is provided to prevent
catastrophic failures from accidental device overheating. It is
not intended to be used as a substitute for proper
heatsinking.
The MC33363B is contained in a heatsinkable plastic
dual–in–line package in which the die is mounted on a
special heat tab copper alloy lead frame. This tab consists of
the four center ground pins that are specifically designed to
improve thermal conduction from the die to the circuit board.
Figures 15 and 16 show a simple and effective method of
utilizing the printed circuit board medium as a heat dissipater
by soldering these pins to an adequate area of copper foil.
This permits the use of standard layout and mounting
practices while having the ability to halve the junction to air
thermal resistance. The examples are for a symmetrical
layout on a single–sided board with two ounce per square
foot of copper.


Số phần tương tự - MC33363BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363BDW ONSEMI-MC33363BDW Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363BDWG ONSEMI-MC33363BDWG Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363BDWG ONSEMI-MC33363BDWG Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363BDWR2 ONSEMI-MC33363BDWR2 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363BDWR2G ONSEMI-MC33363BDWR2G Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
More results

Mô tả tương tự - MC33363BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33362 ONSEMI-MC33362 Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
MC33363 ONSEMI-MC33363 Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
REV 3
MC33365 ONSEMI-MC33365 Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com