công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33362DW bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33362DW
Giải thích chi tiết về linh kiện  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33362DW bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33362DW Datasheet HTML 4Page - ON Semiconductor MC33362DW Datasheet HTML 5Page - ON Semiconductor MC33362DW Datasheet HTML 6Page - ON Semiconductor MC33362DW Datasheet HTML 7Page - ON Semiconductor MC33362DW Datasheet HTML 8Page - ON Semiconductor MC33362DW Datasheet HTML 9Page - ON Semiconductor MC33362DW Datasheet HTML 10Page - ON Semiconductor MC33362DW Datasheet HTML 11Page - ON Semiconductor MC33362DW Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC33362
10
MOTOROLA ANALOG IC DEVICE DATA
Figure 20. 20 W Off–Line Converter
Osc
PWM
PWM Latch
Thermal
EA
Startup
Reg
UVLO
14.5 V/
9.5 V
OVP
2.6 V
2.6 V
R1
8
6
7
4, 5, 12, 13
11
16
9
10
1
92 to 138
5.05 V/4.0 A
R
S
Q
Driver
3
LEB
Mirror
270
µA
8.2 k
Vac Input
C3
1.5 nF
C4
1.0
R2
2.7 k
IC1 MC33362
5
4
R4
16 k
R3
2.7 k
C2
10
C1
47
C6
47 pF
C5
4.0 nF
R6
100 k
1.0 W
DC Output
C12
1.0
C11
220
R8
220
R9
2.80 k
C7
100 nF
1
2
3
1
2
R10
2.74 k
IC3
TL431B
C8
330
C9
330
C10
330
T1
D6
MUR
120
R5
39
D5
MUR
160
L1
5.0
µH
R7
2.2 k
1.0 W
IC2
MOC
8103
1N4004
D3
D4
D2
D1
F1
1.0 A
ILimit
D7
MBR
2515L
Figure 21. Converter Test Data
Test
Conditions
Results
Line Regulation
Vin = 92 Vac to 138 Vac, IO 4.0 A
∆ = 1.0 mV
Load Regulation
Vin = 115 Vac, IO = 1.0 A to 4.0 A
∆ = 9.0 mV
Output Ripple
Vin = 115 Vac, IO = 4.0 A
Triangular = 10 mVpp
Spike = 60 mVpp
Efficiency
Vin = 115 Vac, IO = 4.0 A
78.4%
This data was taken with the components listed below mounted on the printed circuit board shown in Figure 22.
For high efficiency and small circuit board size, the Sanyo Os–Con capacitors are recommended for C8, C9, C10 and C11.
C8, C9, C10 = Sanyo Os–Con #6SA330M, 330
µF 6.3 V.
C11 = Sanyo Os–Con #10SA220M, 220
µF 10 V.
D7 = MBR2515L mounted on Aavid #592502B03400 heatsink.
L1 = Coilcraft S5088–A, 5.0
µH, 0.11 Ω.
T1 = Coilcraft S5069–A
Primary: 58 turns of # 26 AWG, Pin 1 = start, Pin 8 = finish.
Two layers 0.002
″ Mylar tape.
Secondary: 4 turns of # 18 AWG, 2 strands bifiliar wound, Pin 5 = start, Pin 4 = finish.
Two layers 0.002
″ Mylar tape.
Auxiliary: 10 turns of # 26 AWG wound in center of bobbin, Pin 2 = start, Pin 7 = finish.
Two layers 0.002
″ Mylar tape.
Gap: 0.014
″ total for a primary inductance (LP) of 330 µH.
Core and Bobbin: Coilcraft PT1950, E187, 3F3 material.


Số phần tương tự - MC33362DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33362DW ONSEMI-MC33362DW Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33362DWG ONSEMI-MC33362DWG Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33362DWR2 ONSEMI-MC33362DWR2 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33362DWR2G ONSEMI-MC33362DWR2G Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
More results

Mô tả tương tự - MC33362DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363B ONSEMI-MC33363B Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33363 ONSEMI-MC33363 Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
REV 3
MC33365 ONSEMI-MC33365 Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com