công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X1227S8Z-2.7A bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện X1227S8Z-2.7A
Giải thích chi tiết về linh kiện  2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227S8Z-2.7A bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  X1227S8Z-2.7A Datasheet HTML 1Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 2Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 3Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 4Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 5Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 6Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 7Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 8Page - Intersil Corporation X1227S8Z-2.7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
FN8099.1
September 15, 2005
ORDERING INFORMATION
PART NUMBER
PART MARKING
VCC RANGE (V)
VTRIP
TEMPERATURE
RANGE (°C)
PACKAGE
X1227S8-4.5A
X1227 AL
4.5 to 5.5
4.63V ± 112mV
0 to 70
8 Ld SOIC
X1227S8Z-4.5A (Note 1)
X1227 Z AL
0 to 70
8 Ld SOIC (Pb-free)
X1227S8I-4.5A
X1227 AM
-40 to 85
8 Ld SOIC
X1227S8IZ-4.5A (Note 1) X1227 Z AM
-40 to 85
8 Ld SOIC (Pb-free)
X1227V8-4.5A
1227AL
0 to 70
8 Ld TSSOP
X1227V8Z-4.5A (Note 1)
1227AL Z
0 to 70
8 Ld TSSOP (Pb-free)
X1227V8I-4.5A
1227AM
-40 to 85
8 Ld TSSOP
X1227V8IZ-4.5A (Note 1) 1227AM Z
-40 to 85
8 Ld TSSOP (Pb-free)
X1227S8*
X1227
4.38V ± 112mV
0 to 70
8 Ld SOIC
X1227S8Z* (Note 1)
X1227 Z
0 to 70
8 Ld SOIC (Pb-free)
X1227S8I
X1227 I
-40 to 85
8 Ld SOIC
X1227S8IZ (Note 1)
X1227 Z I
-40 to 85
8 Ld SOIC (Pb-free)
X1227V8
1227
0 to 70
8 Ld TSSOP
X1227V8Z (Note 1)
1227 Z
0 to 70
8 Ld TSSOP (Pb-free)
X1227V8I
1227I
-40 to 85
8 Ld TSSOP
X1227V8IZ (Note 1)
1227I Z
-40 to 85
8 Ld TSSOP (Pb-free)
X1227S8-2.7A
X1227 AN
2.7 to 5.5
2.85V ± 100mV
0 to 70
8 Ld SOIC
X1227S8Z-2.7A (Note 1)
X1227 Z AN
0 to 70
8 Ld SOIC (Pb-free)
X1227S8I-2.7A*
X1227 AP
-40 to 85
8 Ld SOIC
X1227S8IZ-2.7A* (Note 1) X1227 Z AP
-40 to 85
8 Ld SOIC (Pb-free)
X1227V8-2.7A
1227AN
0 to 70
8 Ld TSSOP
X1227V8Z-2.7A (Note 1)
1227AN Z
0 to 70
8 Ld TSSOP (Pb-free)
X1227V8I-2.7A
1227AP
-40 to 85
8 Ld TSSOP
X1227V8IZ-2.7A (Note 1) 1227AP Z
-40 to 85
8 Ld TSSOP (Pb-free)
X1227S8-2.7*
X1227 F
2.65V ± 100mV
0 to 70
8 Ld SOIC
X1227S8Z-2.7 (Note 1)
X1227 Z F
0 to 70
8 Ld SOIC (Pb-free)
X1227S8I-2.7*
X1227 G
-40 to 85
8 Ld SOIC
X1227S8IZ-2.7 (Note 1)
X1227 Z G
-40 to 85
8 Ld SOIC (Pb-free)
X1227V8-2.7
1227F
0 to 70
8 Ld TSSOP
X1227V8Z-2.7 (Note 1)
1227F Z
0 to 70
8 Ld TSSOP (Pb-free)
X1227V8I-2.7
1227G
-40 to 85
8 Ld TSSOP
X1227V8IZ-2.7 (Note 1)
1227G Z
-40 to 85
8 Ld TSSOP (Pb-free)
*Add "T1" suffix for tape and reel.
NOTES:
1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For appropriate volume, any VTRIP value from 2.6 to 4.7V may be ordered via Intersil’s Customer Specification Program (CSPEC).
X1227


Số phần tương tự - X1227S8Z-2.7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1227S8Z-2.7A INTERSIL-X1227S8Z-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8Z-2.7A RENESAS-X1227S8Z-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

Mô tả tương tự - X1227S8Z-2.7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com