công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33348D-1 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33348D-1
Giải thích chi tiết về linh kiện  LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33348D-1 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33348D-1 Datasheet HTML 1Page - ON Semiconductor MC33348D-1 Datasheet HTML 2Page - ON Semiconductor MC33348D-1 Datasheet HTML 3Page - ON Semiconductor MC33348D-1 Datasheet HTML 4Page - ON Semiconductor MC33348D-1 Datasheet HTML 5Page - ON Semiconductor MC33348D-1 Datasheet HTML 6Page - ON Semiconductor MC33348D-1 Datasheet HTML 7Page - ON Semiconductor MC33348D-1 Datasheet HTML 8Page - ON Semiconductor MC33348D-1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33348
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 4.0 V, TA = 25°C, for min/max values TA is the operating junction temperature range
that applies (Note 1), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
VOLTAGE SENSING
Cell Charging Cutoff (Pin 1 to Pin 3)
Overvoltage Threshold, VCell Increasing, TA = 25°C
Vth(OV)
V
–1 Suffix
4.158
4.20
4.242
–2 Suffix
4.158
4.20
4.242
–3 Suffix
4.208
4.25
4.293
–4 Suffix
4.208
4.25
4.293
–5 Suffix
4.306
4.35
4.394
–6 Suffix
4.306
4.35
4.394
Overvoltage Hysteresis VCell Decreasing
VH
mV
–1 Suffix
300
–2 Suffix
300
–3 Suffix
300
–4 Suffix
300
–5 Suffix
300
–6 Suffix
300
Cell Discharging Cutoff (Pin 1 to Pin 3, TA = 25°C)
Undervoltage Threshold, VCell Decreasing
Vth(UV)
V
–1 Suffix
2.205
2.25
2.295
–2 Suffix
2.205
2.25
2.295
–3 Suffix
2.234
2.28
2.326
–4 Suffix
2.234
2.28
2.326
–5 Suffix
2.254
2.30
2.346
–6 Suffix
2.254
2.30
2.346
Input Bias Current During Cell Voltage Sample (Pin 1)
IIB
28
µA
Cell Voltage Sampling Rate
t(smpl)
1.0
s
CURRENT SENSING
Discharge Current Limit (Pin 3 to Pin 5, TA = 25°C)
Threshold Voltage
Vth(dschg)
mV
–1 Suffix
360
400
440
–2 Suffix
180
200
220
–3 Suffix
360
400
440
–4 Suffix
180
200
220
–5 Suffix
360
400
440
–6 Suffix
180
200
220
Delay
Idly(dschg)
1.0
2.3
4.0
ms
CHARGE PUMP
Output Voltage (Pin 8, RL ≥ 1010, TA = 25°C)
VO
8.0
10.2
12
V
TOTAL DEVICE
Average Cell Current (TA = 25°C, Battery Pack Unloaded and without
Current Limit Fault)
ICC
Operating (VCC = 4.0 V)
17
20
µA
Sleepmode (VCC = 2.0 V)
2.0
nA
Minimum Operating Cell Voltage for Logic and Gate Drivers
VCC
1.5
V
NOTE:
1. Tested ambient temperature range for the MC33348:
Tlow = –25°CThigh = +85°C


Số phần tương tự - MC33348D-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
MC33340 ONSEMI-MC33340 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340D ONSEMI-MC33340D Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DG ONSEMI-MC33340DG Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DR2 ONSEMI-MC33340DR2 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
More results

Mô tả tương tự - MC33348D-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33349 ONSEMI-MC33349 Datasheet
204Kb / 12P
   Lithium Battery Protection Circuit for One Cell Battery Packs
May, 2000 ??Rev. 1
NCP802 ONSEMI-NCP802 Datasheet
125Kb / 23P
   Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
September, 2004 ??Rev. 10
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
   LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
   One-cell Lithium Battery Protection IC
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
AiT Semiconductor Inc.
A4004 AITSEMI-A4004 Datasheet
868Kb / 11P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.1
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com