công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X1226V8 bảng dữ liệu(PDF) 9 Page - Intersil Corporation |
|
X1226V8 bảng dữ liệu(HTML) 9 Page - Intersil Corporation |
9 / 25 page 9 FN8098.2 September 15, 2005 Table 4. Programmable Frequency Output Bits ON-CHIP OSCILLATOR COMPENSATION Digital Trimming Register (DTR) — DTR2, DTR1 and DTR0 (Non-Volatile) The digital trimming Bits DTR2, DTR1 and DTR0 adjust the number of counts per second and average the ppm error to achieve better accuracy. DTR2 is a sign bit. DTR2 = 0 means frequency compensation is > 0. DTR2 = 1 means frequency compensation is < 0. DTR1 and DTR0 are scale bits. DTR1 gives 10 ppm adjustment and DTR0 gives 20 ppm adjustment. A range from -30ppm to +30ppm can be represented by using three bits above. Table 5. Digital Trimming Registers Analog Trimming Register (ATR) (Non-volatile) Six analog trimming Bits from ATR5 to ATR0 are pro- vided to adjust the on-chip loading capacitance range. The on-chip load capacitance ranges from 3.25pF to 18.75pF. Each bit has a different weight for capaci- tance adjustment. Using a Citizen CFS-206 crystal with different ATR bit combinations provides an esti- mated ppm range from +116ppm to -37ppm to the nominal frequency compensation. The combination of digital and analog trimming can give up to +146ppm adjustment. The on-chip capacitance can be calculated as follows: CATR = [(ATR value, decimal) x 0.25pF] + 11.0pF Note that the ATR values are in two’s complement, with ATR(000000) = 11.0pF, so the entire range runs from 3.25pF to 18.75pF in 0.25pF steps. The values calculated above are typical, and total load capacitance seen by the crystal will include approxi- mately 2pF of package and board capacitance in addi- tion to the ATR value. See Application Section and Intersil’s Application Note AN154 for more information. WRITING TO THE CLOCK/CONTROL REGISTERS Changing any of the nonvolatile bits of the clock/control register requires the following steps: – Write a 02h to the Status Register to set the Write Enable Latch (WEL). This is a volatile operation, so there is no delay after the write. (Operation pre- ceeded by a start and ended with a stop). – Write a 06h to the Status Register to set both the Register Write Enable Latch (RWEL) and the WEL bit. This is also a volatile cycle. The zeros in the data byte are required. (Operation preceeded by a start and ended with a stop). – Write one to 8 bytes to the Clock/Control Registers with the desired clock, alarm, or control data. This sequence starts with a start bit, requires a slave byte of “11011110” and an address within the CCR and is terminated by a stop bit. A write to the CCR changes EEPROM values so these initiate a nonvolatile write cycle and will take up to 10ms to complete. Writes to undefined areas have no effect. The RWEL bit is reset by the completion of a nonvolatile write cycle, so the sequence must be repeated to again initiate another change to the CCR contents. If the sequence is not completed for any reason (by send- ing an incorrect number of bits or sending a start instead of a stop, for example) the RWEL bit is not reset and the device remains in an active mode. – Writing all zeros to the status register resets both the WEL and RWEL bits. – A read operation occurring between any of the previ- ous operations will not interrupt the register write operation. FO1 FO0 Output Frequency (average of 100 samples) 00 Alarm IRQ output 0 1 32.768kHz 1 0 4096Hz 11 1Hz DTR Register Estimated frequency PPM DTR2 DTR1 DTR0 00 0 0 01 0 +10 00 1 +20 01 1 +30 10 0 0 11 0 -10 10 1 -20 11 1 -30 X1226 |
Số phần tương tự - X1226V8 |
|
Mô tả tương tự - X1226V8 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |