công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33341 bảng dữ liệu(PDF) 16 Page - ON Semiconductor

tên linh kiện MC33341
Giải thích chi tiết về linh kiện  POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 bảng dữ liệu(HTML) 16 Page - ON Semiconductor

Back Button MC33341 Datasheet HTML 12Page - ON Semiconductor MC33341 Datasheet HTML 13Page - ON Semiconductor MC33341 Datasheet HTML 14Page - ON Semiconductor MC33341 Datasheet HTML 15Page - ON Semiconductor MC33341 Datasheet HTML 16Page - ON Semiconductor MC33341 Datasheet HTML 17Page - ON Semiconductor MC33341 Datasheet HTML 18Page - ON Semiconductor MC33341 Datasheet HTML 19Page - ON Semiconductor MC33341 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MC33341
16
MOTOROLA ANALOG IC DEVICE DATA
Figure 23. 10 V/1.0 A Constant–Voltage Constant–Current Regulator
Figure 24. Output Load Regulation
Figure 23 shows the MC33341 configured as a source high–side constant–voltage constant–current regulator. The regulator is
designed for an output voltage of 10 V at 1.0 A. Figure 24 shows the regulator’s output characteristics as the load is varied.
Source return low–side, load high–side, and load low–side configurations will each exhibit a nearly identical load regulation
characteristic. A heatsink is required for the MTP2955 series pass element.
11.1 k
Variable
Resistive
Load
82.5 k
0.01
V
I
Output
Ground
87
6
5
12
3
4
R
R
R
R
R
VCC
VCC
VCC
VCC
VCC
VCC
0.4 V
1.2 V
R
0.2 V
VCC
0.2 V 0.4 V 1.2 V
VCC
1.2 V
VCC
Inverting Amp
Transconductance
Amp
Differential Amp
Disable Logic
Differential Amp
Vsen
Vth
Isen
Ith
Reference
0
10
IO, OUTPUT LOAD CURRENT (A)
0.2
0 4
0.6
0.8
1.0
8.0
6.0
4.0
2.0
0
10
3.0 k
10
0.2
MTP2955
Output
10 V/1.0 A
Input
Ground
Input
12 V to 16 V


Số phần tương tự - MC33341

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341D ONSEMI-MC33341D Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DG ONSEMI-MC33341DG Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DR2 ONSEMI-MC33341DR2 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DR2G ONSEMI-MC33341DR2G Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
More results

Mô tả tương tự - MC33341

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
logo
Maxim Integrated Produc...
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
   Battery charger or power supply
Rev 0; 1/17
logo
STMicroelectronics
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
   The new regulation on the power supply standby consumption for the battery charger
logo
Shenzhen Huazhimei Semi...
HM5053 HMSEMI-HM5053 Datasheet
3Mb / 6P
   High-precision linear lithium battery charger control circuit
logo
Gamewell-FCI by Honeywe...
PM-9G GAMEWELL-FCI-PM-9G Datasheet
65Kb / 1P
   PM-9G Power Supply and Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com