công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33341 bảng dữ liệu(PDF) 14 Page - ON Semiconductor

tên linh kiện MC33341
Giải thích chi tiết về linh kiện  POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 bảng dữ liệu(HTML) 14 Page - ON Semiconductor

Back Button MC33341 Datasheet HTML 10Page - ON Semiconductor MC33341 Datasheet HTML 11Page - ON Semiconductor MC33341 Datasheet HTML 12Page - ON Semiconductor MC33341 Datasheet HTML 13Page - ON Semiconductor MC33341 Datasheet HTML 14Page - ON Semiconductor MC33341 Datasheet HTML 15Page - ON Semiconductor MC33341 Datasheet HTML 16Page - ON Semiconductor MC33341 Datasheet HTML 17Page - ON Semiconductor MC33341 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MC33341
14
MOTOROLA ANALOG IC DEVICE DATA
R3
Load
R1
Battery or
Resistive
Load
Source
Return
Source
R2
RS
Comp
The above figure shows the MC33341 configured for load low–side current sensing with an externally adjustable voltage and
current threshold. Operation of this circuit is similar to that of Figure 19. The respective voltage and current regulation threshold
can be adjusted over a range of 0 to 1.2 V and 0 V to 200 mV, with respect to Pin 4.
V
I
Load
87
6
5
12
3
4
R
R
R
R
R
VCC
VCC
VCC
VCC
VCC
VCC
0.4 V
1.2 V
R
0.2 V
VCC
0.2 V 0.4 V 1.2 V
VCC
1.2 V
VCC
Inverting Amp
Transconductance
Amp
Differential Amp
Disable Logic
Differential Amp
Opto
Isolator
Vsen
Vth
Isen
Ith
Reference
Figure 20. Load Low–Side Current Sensing with
Externally Adjustable Current and Voltage Thresholds
Vreg + Vth(Pin 6)
R2
R1
) 1
Ireg +
V
th(Pin 2)
R
S
R3
+
I
pk
R
S
–0.6
0.02
Current
Control
Voltage
Current


Số phần tương tự - MC33341

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341D ONSEMI-MC33341D Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DG ONSEMI-MC33341DG Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DR2 ONSEMI-MC33341DR2 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DR2G ONSEMI-MC33341DR2G Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
More results

Mô tả tương tự - MC33341

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
logo
Maxim Integrated Produc...
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
   Battery charger or power supply
Rev 0; 1/17
logo
STMicroelectronics
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
   The new regulation on the power supply standby consumption for the battery charger
logo
Shenzhen Huazhimei Semi...
HM5053 HMSEMI-HM5053 Datasheet
3Mb / 6P
   High-precision linear lithium battery charger control circuit
logo
Gamewell-FCI by Honeywe...
PM-9G GAMEWELL-FCI-PM-9G Datasheet
65Kb / 1P
   PM-9G Power Supply and Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com