công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33340 bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC33340
Giải thích chi tiết về linh kiện  BATTERY FAST CHARGE CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33340 bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC33340 Datasheet HTML 4Page - ON Semiconductor MC33340 Datasheet HTML 5Page - ON Semiconductor MC33340 Datasheet HTML 6Page - ON Semiconductor MC33340 Datasheet HTML 7Page - ON Semiconductor MC33340 Datasheet HTML 8Page - ON Semiconductor MC33340 Datasheet HTML 9Page - ON Semiconductor MC33340 Datasheet HTML 10Page - ON Semiconductor MC33340 Datasheet HTML 11Page - ON Semiconductor MC33340 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC33340 MC33342
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 16. Switch Mode Fast Charger
The MC33340/342 can be used to control the MC34166 or MC34167 power switching regulators to produce an economical and efficient fast charger. These devices
are capable of operating continuously in current limit with an input voltage range of 7.5 to 40 V. The typical charging current for the MC34166 and MC34167 is 4.3
A and 6.5 A respectively. Resistors R2 and R1 are used to set the battery pack fast charge float voltage. If precise float voltage control is not required, components
R1, R2, R3 and C1 can be deleted, and Pin 1 must be grounded. The trickle current level is set by resistor R4. It is recommended that a redundant charge termination
method be employed for end user protection. This is especially true for fast charger systems. For additional converter design information, refer to the MC34166 and
MC34167 data sheets.
Q
S
R
Vsen
Gate
Fast/
Trickle
3
Vsen
Gate
F/T
MC33340/342
Gnd
4
2
AC
Line
Input
MC34166 or MC34167
Osc
PWM
Thermal
ILimit
VCC
4
2
1
Switch
Output
+
R4
R2
Voltage
Feedback
Input
Battery
Pack
EA
Ref
UVLO
Gnd
3
Compensation
5
C1
R3
R1


Số phần tương tự - MC33340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340D ONSEMI-MC33340D Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DG ONSEMI-MC33340DG Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DR2 ONSEMI-MC33340DR2 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DR2G ONSEMI-MC33340DR2G Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
More results

Mô tả tương tự - MC33340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340_05 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com