công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33275 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33275
Giải thích chi tiết về linh kiện  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33275 Datasheet HTML 1Page - ON Semiconductor MC33275 Datasheet HTML 2Page - ON Semiconductor MC33275 Datasheet HTML 3Page - ON Semiconductor MC33275 Datasheet HTML 4Page - ON Semiconductor MC33275 Datasheet HTML 5Page - ON Semiconductor MC33275 Datasheet HTML 6Page - ON Semiconductor MC33275 Datasheet HTML 7Page - ON Semiconductor MC33275 Datasheet HTML 8Page - ON Semiconductor MC33275 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33275
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, for min/max values TJ = –40°C to +125°C)
Rating
Symbol
Value
Unit
Input Voltage
VCC
13
Vdc
Power Dissipation and Thermal Characteristics
TA = 25°C
Maximum Power Dissipation
Case 751 (SOP–8) D Suffix
Thermal Resistance, Junction–to–Ambient
Thermal Resistance, Junction–to–Case
Case 369A (DPAK) DT Suffix
Thermal Resistance, Junction–to–Air
Thermal Resistance, Junction–to–Case
Case 318E (SOT–223) ST Suffix
Thermal Resistance, Junction–to–Air
Thermal Resistance, Junction–to–Case
PD
RθJA
RθJC
RθJA
RθJC
RθJA
RθJC
Internally Limited
160
25
92
6.0
245
15
W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Output Current
IO
300
mA
Maximum Junction Temperature
TJ
150
°C
Operating Junction Temperature Range
TJ
– 40 to +125
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (CL = 1.0µF, TA = 25°C, for min/max values TJ = –40°C to +125°C, Note 1)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
IO = 0 mA to 250 mA
2.5 V Suffix
TA = 25°C, Vin = [VO + 1] V
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
2.5 V Suffix
Vin = [VO + 1] V, 0 < IO < 100 mA
3.0 V Suffix
2% Tolerance from TJ = –40 to +125°C
3.3 V Suffix
5.0 V Suffix
VO
2.475
2.970
3.267
4.950
2.450
2.940
3.234
4.900
2.50
3.00
3.30
5.00
2.525
3.030
3.333
5.05
2.550
3.060
3.366
5.100
Vdc
Line Regulation
Vin = [VO + 1] V to 12 V, IO = 250 mA,
All Suffixes TA = 25°C
Regline
2.0
10
mV
Load Regulation
Vin = [VO + 1] V, IO = 0 mA to 250 mA,
All Suffixes TA = 25°C
Regload
5.0
25
mV
Dropout Voltage
IO = 10 mA
TJ = –40°C to +125°C
IO = 100 mA
IO = 250 mA
IO = 300 mA
Vin – VO
25
115
220
260
100
200
400
500
mV
Ripple Rejection (120 Hz)
Vin(peak–peak) = [VO + 1.5] V to [VO + 5.5] V
65
75
dB
Output Noise Voltage
CL = 1 mFIO = 50 mA (10 Hz to 100 kHz)
CL = 200 mF
Vn
160
46
mVrm
s
CURRENT PARAMETERS
Characteristic
Symbol
Min
Typ
Max
Unit
Quiescent Current
On Mode
Vin = [VO + 1] V, IO = 0 mA
On Mode SAT
Vin = [VO – 0.5] V, IO = 0 mA, Note 2
IQ
125
1100
200
1500
mA
Current Limit
Vin = [VO + 1], VO shorted
ILIMIT
450
mA
THERMAL SHUTDOWN
Characteristic
Symbol
Min
Typ
Max
Unit
Thermal Shutdown
150
°C
NOTE: 1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
NOTE: 2. Quiescent Current is measured where the PNP pass transistor is in saturation. Vin = [VO – 0.5] V guarantees this condition.


Số phần tương tự - MC33275

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275 ONSEMI-MC33275 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33275 ONSEMI-MC33275 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
MC33275D-2.5 ONSEMI-MC33275D-2.5 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275D-2.5G ONSEMI-MC33275D-2.5G Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Mô tả tương tự - MC33275

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com