công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33272A bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33272A
Giải thích chi tiết về linh kiện  HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33272A bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33272A Datasheet HTML 1Page - ON Semiconductor MC33272A Datasheet HTML 2Page - ON Semiconductor MC33272A Datasheet HTML 3Page - ON Semiconductor MC33272A Datasheet HTML 4Page - ON Semiconductor MC33272A Datasheet HTML 5Page - ON Semiconductor MC33272A Datasheet HTML 6Page - ON Semiconductor MC33272A Datasheet HTML 7Page - ON Semiconductor MC33272A Datasheet HTML 8Page - ON Semiconductor MC33272A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC33272A
MC33274A
SEMICONDUCTOR
TECHNICAL DATA
HIGH PERFORMANCE
OPERATIONAL
AMPLIFIERS
Order this document by MC33272A/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
P SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
P SUFFIX
PLASTIC PACKAGE
CASE 646
PIN CONNECTIONS
DUAL
QUAD
PIN CONNECTIONS
(Top View)
VEE
Inputs 1
Inputs 2
Output 2
Output 1
VCC
Inputs 1
Output 1
VCC
Inputs 2
Output 2
Output 4
Inputs 4
VEE
Inputs 3
Output 3
(Top View)
4
23
1
+
+
1
2
3
4
8
7
6
5
1
2
3
4
5
6
78
9
10
11
12
13
14
+
+
+
+
1
8
1
8
14
1
14
1
1
MOTOROLA ANALOG IC DEVICE DATA
Single Supply, High Slew Rate
Low Input Offset Voltage,
Bipolar Operational Amplifiers
The MC33272/74 series of monolithic operational amplifiers are quality
fabricated with innovative Bipolar design concepts. This dual and quad
operational amplifier series incorporates Bipolar inputs along with a patented
Zip–R–Trim element for input offset voltage reduction. The MC33272/74
series of operational amplifiers exhibits low input offset voltage and high gain
bandwidth product. Dual–doublet frequency compensation is used to
increase the slew rate while maintaining low input noise characteristics. Its
all NPN output stage exhibits no deadband crossover distortion, large output
voltage swing, and an excellent phase and gain margin. It also provides a
low open loop high frequency output impedance with symmetrical source
and sink AC frequency performance.
The MC33272/74 series is specified over –40
° to +85°C and are available
in plastic DIP and SOIC surface mount packages.
Input Offset Voltage Trimmed to 100 µV (Typ)
Low Input Bias Current: 300 nA
Low Input Offset Current: 3.0 nA
High Input Resistance: 16 MΩ
Low Noise: 18 nV/ Hz
@ 1.0 kHz
High Gain Bandwidth Product: 24 MHz @ 100 kHz
High Slew Rate: 10 V/µs
Power Bandwidth: 160 kHz
Excellent Frequency Stability
Unity Gain Stable: w/Capacitance Loads to 500 pF
Large Output Voltage Swing: +14.1 V/ –14.6 V
Low Total Harmonic Distortion: 0.003%
Power Supply Drain Current: 2.15 mA per Amplifier
Single or Split Supply Operation: +3.0 V to +36 V or ±1.5 V to ±18 V
ESD Diodes Provide Added Protection to the Inputs
ORDERING INFORMATION
Op Amp
Function
Device
Operating
Temperature Range
Package
Dual
MC33272AD
T40
°
85
°C
SO–8
MC33272AP
TA = –40° to +85°C
Plastic DIP
Quad
MC33274AD
TA = –40° to +85°C
SO–14
MC33274AP
Plastic DIP
© Motorola, Inc. 1996
Rev 0


Số phần tương tự - MC33272A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272A ONSEMI-MC33272A Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272AD ONSEMI-MC33272AD Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272AD ONSEMI-MC33272AD Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272AD ONSEMI-MC33272AD Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Mô tả tương tự - MC33272A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD547 AD-AD547_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com