công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33076P2 bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC33076P2
Giải thích chi tiết về linh kiện  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076P2 bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button MC33076P2 Datasheet HTML 4Page - ON Semiconductor MC33076P2 Datasheet HTML 5Page - ON Semiconductor MC33076P2 Datasheet HTML 6Page - ON Semiconductor MC33076P2 Datasheet HTML 7Page - ON Semiconductor MC33076P2 Datasheet HTML 8Page - ON Semiconductor MC33076P2 Datasheet HTML 9Page - ON Semiconductor MC33076P2 Datasheet HTML 10Page - ON Semiconductor MC33076P2 Datasheet HTML 11Page - ON Semiconductor MC33076P2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC33076
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 25. Percent Overshoot
versus Load Capacitance
CL, LOAD CAPACITANCE (pF)
10 k
1000
100
10
100
80
60
40
20
0
RL = 100 Ω
RL = 2.0 kΩ
VCC = +15 V
VEE = –15 V
TA = 25°C
Figure 26. PC Board Heatsink Example
Copper
Pad
Copper
Pad
APPLICATIONS INFORMATION
The MC33076 dual operational amplifier is available in the
standard 8–pin plastic dual–in–line (DIP) and surface mount
packages, and also in a 16–pin batwing power package. To
enhance the power dissipation capability of the power
package, Pins 4, 5, 12, and 13 are tied together on the
leadframe, giving it an ambient thermal resistance of 52
°C/W
typically, in still air. The junction–to–ambient thermal
resistance (R
θJA) can be decreased further by using a copper
padb on the printed circuit board (as shown in Figure 26) to
draw the heat away from the package.
Care must be taken
not to exceed the maximum junction temperature or damage
to the device may occur.


Số phần tương tự - MC33076P2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
More results

Mô tả tương tự - MC33076P2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com